Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3251-1.5 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3251-1.5
Description  500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3251-1.5 Datasheet(HTML) 3 Page - Linear Technology

  LTC3251-1.5_15 Datasheet HTML 1Page - Linear Technology LTC3251-1.5_15 Datasheet HTML 2Page - Linear Technology LTC3251-1.5_15 Datasheet HTML 3Page - Linear Technology LTC3251-1.5_15 Datasheet HTML 4Page - Linear Technology LTC3251-1.5_15 Datasheet HTML 5Page - Linear Technology LTC3251-1.5_15 Datasheet HTML 6Page - Linear Technology LTC3251-1.5_15 Datasheet HTML 7Page - Linear Technology LTC3251-1.5_15 Datasheet HTML 8Page - Linear Technology LTC3251-1.5_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC3251/
LTC3251-1.2/LTC3251-1.5
32511215fb
VIN (V)
2.7
10
9
8
7
6
5
4
3
2
1
0
4.2
5.2
3251 G17
3.2
3.7
4.7
–40
°C
25
°C
85
°C
VIN (V)
2.7
50
45
40
85
°C
25
°C
–40
°C
35
30
25
20
4.2
5.2
3251 G02
3.2
3.7
4.7
VIN (V)
2.7
7
6
5
4
3
2
1
0
4.2
5.2
3251 G01
3.2
3.7
4.7
–40
°C
25
°C
85
°C
TYPICAL PERFOR A CE CHARACTERISTICS
No Load Supply Current vs Supply
Voltage (Continuous Mode Spread
Spectrum Enabled)
No Load Supply Current vs Supply
Voltage (Burst Mode Operation)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Line Regulation (LTC3251)
IOUT = 500mA, 2.7V ≤ VIN ≤ 5.5V
0.2
%/V
Spread Spectrum Frequency Range
fMIN Switching Frequency
0.7
1.0
MHz
fMAX Switching Frequency
1.6
2
MHZ
Spread Spectrum Disabled Frequency
MODE = VIN
1.3
1.6
2
MHz
MD0, MD1 Input High Voltage
2.7V
≤ VIN ≤ 5.5V
0.8
1.2
V
MD0, MD1 Input Low Voltage
2.7V
≤ VIN ≤ 5.5V
0.4
0.8
V
MD0, MD1 Input High Current
MD0 = VIN, MD1 = VIN
–1
1
µA
MD0, MD1 Input Low Current
MD0 = 0V, MD1 = 0V
–1
1
µA
FB Input Current (LTC3251)
VFB = 0.85V
–50
50
nA
MODE Input High Voltage (LTC3251-1.2/LTC3251-1.5)
2.7V
≤ VIN ≤ 5.5V
50
70
%/VIN
MODE Input Low Voltage (LTC3251-1.2/LTC3251-1.5)
2.7V
≤ VIN ≤ 5.5V
30
50
%/VIN
MODE Input High Current (LTC3251-1.2/LTC3251-1.5)
MODE = VIN
–1
1
µA
MODE Input Low Current (LTC3251-1.2/LTC3251-1.5)
MODE = 0V
–1
1
µA
Turn-On Time (Burst or Continuous Mode Operation)
ROL = 3Ω, (Note 5)
1
ms
Open-Loop Output Impedance (LTC3251)
VIN = 3V, IOUT = 200mA (Note 6)
0.45
0.7
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Based on long term current density limitations.
Note 3: The LTC3251E is guaranteed to meet specified performance from
0
°C to 70°C. Specifications over the –40°C to 85°C operating temperature
range are assured by design, characterization and correlation with
statistical process controls.
Note 4: Minimum operating voltage required for regulation is:
VIN ≥ 2 • (VOUT + ROL • IOUT)
Note 5: VMODE = 0V or VMODE = VIN for LTC3251-1.2/LTC3251-1.5.
Note 6: Output not in regulation; ROL = (VIN/2 – VOUT)/IOUT.
(VFB = 0.76V). Burst or continuous mode operation.
Note 7: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, C1 = C2 = 1µF, CIN = 1µF, COUT = 10µF,
VMODE = 0V for LTC3251-1.2V or LTC3251-1.5, VOUT = 1.5V for LTC3251, all capacitors ceramic, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
No Load Supply Current vs Supply
Voltage (Continuous Mode,
Spread Spectrum Disabled)


Similar Part No. - LTC3251-1.5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3251-1.5 LINER-LTC3251-1.5 Datasheet
439Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
More results

Similar Description - LTC3251-1.5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3251 LINER-LTC3251 Datasheet
439Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251-1.2 LINER-LTC3251-1.2_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251 LINER-LTC3251_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-15 LINER-LTC1911-15 Datasheet
194Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250-1.5 LINER-LTC3250-1.5_15 Datasheet
331Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3250-1.2 LINER-LTC3250-1.2_15 Datasheet
331Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5 Datasheet
209Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.8 LINER-LTC1911-1.8_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250 LINER-LTC3250 Datasheet
326Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com