Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3251 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3251
Description  500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3251 Datasheet(HTML) 1 Page - Linear Technology

  LTC3251 Datasheet HTML 1Page - Linear Technology LTC3251 Datasheet HTML 2Page - Linear Technology LTC3251 Datasheet HTML 3Page - Linear Technology LTC3251 Datasheet HTML 4Page - Linear Technology LTC3251 Datasheet HTML 5Page - Linear Technology LTC3251 Datasheet HTML 6Page - Linear Technology LTC3251 Datasheet HTML 7Page - Linear Technology LTC3251 Datasheet HTML 8Page - Linear Technology LTC3251 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC3251/
LTC3251-1.2/LTC3251-1.5
32511215fb
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
500mA High Efficiency,
Low Noise, Inductorless
Step-Down DC/DC Converter
Spread Spectrum Step-Down Converter
1.5V Efficiency vs Input Voltage
(Burst Mode Operation)
The LTC
®3251/LTC3251-1.2/LTC3251-1.5 are 2-phase
charge pump step-down DC/DC converters that produce a
regulated output from a 2.7V to 5.5V input. The parts use
switched capacitor fractional conversion to achieve twice
the typical efficiency of a linear regulator. No inductors are
required. VOUT is resistor programmable from 0.9V to 1.6V
or fixed at 1.2V or 1.5V, with up to 500mA of load current
available.
A unique 2-phase spread spectrum architecture provides
a very low noise regulated output as well as low noise at the
input.* The parts have four operating modes: Continuous
Spread Spectrum, Spread Spectrum with Burst Mode
operation, Super Burst
TM mode operation and shutdown.
Low operating current (35
µA in Burst Mode operation,
10
µA in Super Burst mode operation) and low external
parts count make the LTC3251/LTC3251-1.2/LTC3251-1.5
ideally suited for space-constrained battery-powered
applications. The parts are short-circuit and overtempera-
ture protected, and are available in a thermally enhanced
10-pin MSOP package.
Up to 500mA Output Current
No Inductors
2.7V to 5.5V Input Voltage Range
2x Efficiency Improvement Over LDOs
2-Phase, Spread Spectrum Operation
for Low Input and Output Noise
Shutdown Disconnects Load from VIN
Adjustable Output Voltage Range: 0.9V to 1.6V
Fixed Output Voltages: 1.2V, 1.5V
Super Burst, Burst and Burst Defeat Operating Modes
Low Operating Current: IIN = 35µA (Burst Mode
®
Operation)
Super Burst Operating Current: IIN = 10µA
Low Shutdown Current: IIN = 0.01µA Typ
Soft-Start Limits Inrush Current at Turn-On
Short-Circuit and Overtemperature Protected
Available in a Thermally Enhanced
10-Pin MSOP Package
Handheld Devices
Cellular Phones
Portable Electronic Equipment
DSP Power Supplies
MD0 MD1
LTC3251-1.5
VIN
C1+
1
µF
1
µF
1-CELL Li-Ion
OR
3-CELL NiMH
OFF ON
C1
GND
VOUT
C2+
C2
MODE
1
µF
10
µF
VOUT = 1.5V
500mA
3251 TA01
19
2
3
4
5, 11
7
8
6
10
INPUT VOLTAGE (V)
3
60
80
100
5
3251 TA02
40
20
50
70
90
30
10
0
3.5
4
4.5
5.5
LTC3251-1.5
LDO
IOUT = 200mA
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
Super Burst is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by US Patents including 6411531.


Similar Part No. - LTC3251

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3251 LINER-LTC3251 Datasheet
439Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251 LINER-LTC3251 Datasheet
268Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LTC3251 LINER-LTC3251 Datasheet
196Kb / 12P
   High Voltage, Low Quiescent Current
logo
Analog Devices
LTC3251 AD-LTC3251 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
Linear Technology
LTC3251-1.2 LINER-LTC3251-1.2 Datasheet
439Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
More results

Similar Description - LTC3251

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3251 LINER-LTC3251 Datasheet
439Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251-1.5 LINER-LTC3251-1.5_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251-1.2 LINER-LTC3251-1.2_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-15 LINER-LTC1911-15 Datasheet
194Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250-1.5 LINER-LTC3250-1.5_15 Datasheet
331Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3250-1.2 LINER-LTC3250-1.2_15 Datasheet
331Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5 Datasheet
209Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.8 LINER-LTC1911-1.8_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250 LINER-LTC3250 Datasheet
326Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com