Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3226 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3226
Description  2-Cell Supercapacitor Charger with Backup PowerPath Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3226 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3226 Datasheet HTML 3Page - Linear Technology LTC3226 Datasheet HTML 4Page - Linear Technology LTC3226 Datasheet HTML 5Page - Linear Technology LTC3226 Datasheet HTML 6Page - Linear Technology LTC3226 Datasheet HTML 7Page - Linear Technology LTC3226 Datasheet HTML 8Page - Linear Technology LTC3226 Datasheet HTML 9Page - Linear Technology LTC3226 Datasheet HTML 10Page - Linear Technology LTC3226 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3226
7
3226fa
PIN FUNCTIONS
VOUT (Pin 1): Voltage Output. This pin is used to provide
power to an external load from either the primary input
supply (VIN) or the supercapacitor (CPO) if the primary
input supply is not available. VOUT should be bypassed
with a low ESR ceramic capacitor of at least 47μF capaci-
tance to GND.
PFO (Pin 2): Open-Drain Power-Fail Status Output. This
pin is pulled to ground by an internal N-channel MOSFET
when the PFI input is below 1.2V. Once the PFI input re-
covers, this pin becomes high impedance.
PFI (Pin 3): Power-Fail Input. High impedance input to
an accurate comparator with a 1.2V falling threshold and
20mV hysteresis. This pin controls the state of the PFO
output pin and the operating mode of the LTC3226.
LDO_FB (Pin 4): Internal LDO Feedback Pin. The voltage
on this pin is compared to the internal reference voltage
(0.8V) by the error amplifier to keep the output in regula-
tion. An external resistor divider is required between VOUT,
LDO_FB and GND to program the LDO output voltage. See
the Applications Information section.
GATE (Pin 5): External FET Gate Pin. This pin is driven
by an internal ideal diode controller to regulate VOUT to
15mV below VIN.
RST_FB (Pin 6): Reset Comparator Input. High imped-
ance input to an accurate comparator with a 0.74V falling
threshold and 20mV hysteresis. This pin controls the
state of the RST output pin. An external resistor divider
is required between VOUT, RST_FB and GND. It can be
the same resistor divider as the LDO_FB divider. See the
Applications Information section.
RST (Pin 7): Open-Drain Status Output of the RESET
Comparator. This pin is pulled to ground by an internal
N-channel MOSFET whenever the RST_FB pin voltage falls
below 0.74V. Once the RST_FB pin voltage recovers, the
pin becomes high impedance after a 290ms delay indicat-
ing that VOUT is within 7.5% of its programmed value.
EN_CHG (Pin 8): Enable Pin for the Charge Pump Super-
capacitor Charger with an Internal Pull-Up. Tie this pin to
a voltage below 0.4V to disable the internal charge pump.
PROG (Pin 9): Charger Input Current Limit Programming
Pin. A resistor connected between this pin and GND sets
the input current limit for the charger. See the Applications
Information section.
CPO_FB (Pin 10): Feedback Pin for the Charge Pump. The
voltage on this pin is compared to the internal reference
voltage (1.2V) to keep the charge pump output CPO in
regulation. An external resistor divider is required between
CPO, CPO_FB and GND to program the CPO output volt-
age. See the Applications Information section.
CAPGOOD (Pin 11): Open-Drain Status Output of the
CPO Voltage. This pin is pulled to ground by an internal
N-channel MOSFET until CPO_FB pin reaches 1.11V. Once
the CPO_FB pin exceeds 1.11V, this pin becomes high
impedance indicating that the CPO voltage is within 7.5%
of its target value.
C(Pin 12):
Internal Charge Pump Flying Capacitor
Negative Terminal.
VIN (Pin13):PrimaryInputSupply.Thispinsuppliespower
to the VOUT pin through an external P-channel MOSFET
and also to the supercapacitors attached to the CPO and
VMID pins. VIN should be bypassed to GND with a low
ESR ceramic capacitor of at least 2.2μF depending on the
load transient.
VMID (Pin 14): Midpoint of Two Series Supercapacitors.
C+ (Pin 15):
Internal Charge Pump Flying Capacitor Positive
Terminal. A 1μF to 10μF X5R or X7R ceramic capacitor
should be connected from C+ to C.
CPO (Pin 16): Backup Supply Pin. Connect CPO to the top
plate of the top supercapacitor. This pin receives power
from VIN through an internal charge pump doubler and
supplies power to VOUT through an internal LDO when the
primary input supply has failed.
GND (Exposed Pad Pin 17): Ground. The exposed pad
should be connected to a continuous ground plane on
the second layer of the printed circuit board by several
vias directly under the part to achieve optimal thermal
performance.


Similar Part No. - LTC3226

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3226 LINEAR-LTC3226 Datasheet
441Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
logo
Linear Technology
LTC3226 LINER-LTC3226 Datasheet
233Kb / 16P
   2-Cell Supercapacitor Charger
logo
Analog Devices
LTC3226 AD-LTC3226 Datasheet
898Kb / 18P
   20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
LTC3226 AD-LTC3226 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
logo
Linear Integrated Syste...
LTC3226EUD LINEAR-LTC3226EUD Datasheet
441Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
More results

Similar Description - LTC3226

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3226 LINEAR-LTC3226 Datasheet
441Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
logo
Linear Technology
LTC3226EUD LINER-LTC3226EUD Datasheet
138Kb / 6P
   2-Cell Supercap Charger With Backup PowerPath Controller
LTC3226 LINER-LTC3226_12 Datasheet
233Kb / 16P
   2-Cell Supercapacitor Charger
LTC3351 LINER-LTC3351 Datasheet
2Mb / 56P
   Hot Swappable Supercapacitor Charger, Backup Controller and System Monitor
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
LTC4000EGN LINER-LTC4000EGN Datasheet
2Mb / 12P
   Battery Charger Controller and PowerPath Manager
LTC3350 LINER-LTC3350 Datasheet
762Kb / 46P
   High Current Supercapacitor Backup Controller and System Monitor
LTC3350 LINER-LTC3350_15 Datasheet
890Kb / 46P
   High Current Supercapacitor Backup Controller and System Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com