Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-L344URC Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-L344URC
Description  3.0mm Cylindrical LED lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L344URC Datasheet(HTML) 2 Page - BetLux Electronics

  BL-L344URC Datasheet HTML 1Page - BetLux Electronics BL-L344URC Datasheet HTML 2Page - BetLux Electronics BL-L344URC Datasheet HTML 3Page - BetLux Electronics BL-L344URC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Cylindrical LED lamp
BL-L344
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-L344URC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L344URC BETLUX-BL-L344URC Datasheet
71Kb / 3P
   Cylindrical LED lamp
More results

Similar Description - BL-L344URC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L342 BETLUX-BL-L342 Datasheet
231Kb / 4P
   3.0mm Cylindrical LED lamp
BL-L333 BETLUX-BL-L333 Datasheet
231Kb / 4P
   3.0mm Cylindrical, Inverted Cone LED lamp
BL-L345 BETLUX-BL-L345 Datasheet
237Kb / 4P
   3.0mm Cylindrical, Bi-color LED lamp
BL-L334 BETLUX-BL-L334 Datasheet
231Kb / 4P
   3.0mm Cylindrical, Inverted Cone LED lamp
logo
Everlight Electronics C...
A2794B-SYGSDR-S530-A3 EVERLIGHT-A2794B-SYGSDR-S530-A3 Datasheet
135Kb / 7P
   3.0mm Cylindrical Type LED lamps
logo
BetLux Electronics
BL-L342SRC BETLUX-BL-L342SRC Datasheet
72Kb / 3P
   Cylindrical LED lamp
BL-L344SRC BETLUX-BL-L344SRC Datasheet
71Kb / 3P
   Cylindrical LED lamp
logo
List of Unclassifed Man...
L07R3000F1 ETC2-L07R3000F1 Datasheet
961Kb / 8P
   3.0MM ROUND LED LAMP
logo
Marktech Corporate
MT2003L-WR MARKTECH-MT2003L-WR Datasheet
161Kb / 6P
   3.0mm ROUND LED LAMP
MT3403A-UY-A MARKTECH-MT3403A-UY-A Datasheet
202Kb / 6P
   3.0mm ROUND LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com