Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-L314HD Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L314HD
Description  3mm Round Type LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L314HD Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L314HD Datasheet HTML 1Page - BetLux Electronics BL-L314HD Datasheet HTML 2Page - BetLux Electronics BL-L314HD Datasheet HTML 3Page - BetLux Electronics BL-L314HD Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Round Type LED lamp
BL-L314
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
3mm Round Type LED Lamps.
Ø
Ultra brightness.
Ø
Choice of various viewing angles.
Ø
Diffused, Transparent and Water clear lens are available.
Ø
IC compatible /Low current capability.
Ø
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λP
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angl
e
2¦È1/
2(de
g)
BL-L314HD
Red
GaP/GaP
700
2.25
2.60
0.5
3
BL-L314ED
Orange
GaAsP/GaP
635
Color
Diffus
ed
2.10
2.50
2
20
60
BL-L314SRC
Hi Red
AlGa As,SH
660
1.85
2.20
50
220
BL-L314LRC
Super Red
AlGa As,DH
660
1.85
2.20
200
500
BL-L314URC
Ultra Red
AlGa As,DDH
660
1.95
2.20
500
900
BL-L314UEC
Ultra Orange
AlGaInP
630
2.10
2.50
900
1800
BL-L314UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
900
2000
BL-L314UGC
Ultra Green
AlGaInP
574
2.20
2.50
220
600
BL-L314PGC
Ultra Pure Green
InGaN
525
3.80
4.50
1200
3000
BL-L314BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
900
2800
BL-L314UBC
Ultra Blue
InGaN
470
2.70
4.20
500
1400
BL-L314VC
UV
InGaN
405
3.80
4.50
100
150
BL-L314UWC
Ultra White
InGaN
/
Water
Clear
2.70
4.20
900
2000
30
Absolute maximum ratings (Ta=25°C)
Parameter
E
SR LR UR UE UY
UG PG BG UB UV
W
U
ni
t
Forward Current
IF
25
25
25
25
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
60
65
65
75
110
110
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
15
0
150
150
150
150
150
150
150
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-L314HD

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L314HD BETLUX-BL-L314HD Datasheet
71Kb / 3P
   Round Type LED lamp
BL-L314HD BETLUX-BL-L314HD Datasheet
232Kb / 4P
   Round Type LED lamp
More results

Similar Description - BL-L314HD

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L304 BETLUX-BL-L304 Datasheet
229Kb / 4P
   3mm Round Type LED Lamps
BL-L312 BETLUX-BL-L312 Datasheet
231Kb / 4P
   3mm Round Type LED Lamps
logo
Lucky Light Electronic
GB-B226 LUCKY-LIGHT-GB-B226 Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (3mm)
GB-234 LUCKY-LIGHT-GB-234 Datasheet
41Kb / 1P
   Round Type, Flangeless LED Lamps (3mm)
logo
A-BRIGHT Inc
AL-314UY2C-A A-BRIGHT-AL-314UY2C-A_06 Datasheet
315Kb / 5P
   3mm Round LED Lamps
2006/9/25
AL-314W1C A-BRIGHT-AL-314W1C_06 Datasheet
322Kb / 6P
   3mm Round LED Lamps
2006/9/26
AL-314OR6C A-BRIGHT-AL-314OR6C_08 Datasheet
311Kb / 5P
   3mm Round LED Lamps
2008/3/19
AL-314UOC A-BRIGHT-AL-314UOC_06 Datasheet
315Kb / 5P
   3mm Round LED Lamps
2006/9/25
AL-314HT A-BRIGHT-AL-314HT_10 Datasheet
276Kb / 5P
   3mm Round LED Lamps
2010/5/5
AL-314LRC-A A-BRIGHT-AL-314LRC-A_09 Datasheet
237Kb / 5P
   3mm Round LED Lamps
2009/2/25
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com