Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-L314 Datasheet(PDF) 4 Page - BetLux Electronics

Part # BL-L314
Description  3mm Round Type LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L314 Datasheet(HTML) 4 Page - BetLux Electronics

  BL-L314 Datasheet HTML 1Page - BetLux Electronics BL-L314 Datasheet HTML 2Page - BetLux Electronics BL-L314 Datasheet HTML 3Page - BetLux Electronics BL-L314 Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Round Type LED lamp
BL-L314
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 4 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
0.17g/pcs
1K pcs/bag
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-L314

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L314-B BETLUX-BL-L314-B Datasheet
231Kb / 4P
   3mm Round Type LED Lamps, Blinking LED lamp
BL-L314BGC BETLUX-BL-L314BGC Datasheet
71Kb / 3P
   Round Type LED lamp
BL-L314BGC BETLUX-BL-L314BGC Datasheet
232Kb / 4P
   Round Type LED lamp
BL-L314BGC-B BETLUX-BL-L314BGC-B Datasheet
231Kb / 4P
   3mm Round Type LED Lamps, Blinking LED lamp
BL-L314ED BETLUX-BL-L314ED Datasheet
71Kb / 3P
   Round Type LED lamp
More results

Similar Description - BL-L314

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L304 BETLUX-BL-L304 Datasheet
229Kb / 4P
   3mm Round Type LED Lamps
BL-L312 BETLUX-BL-L312 Datasheet
231Kb / 4P
   3mm Round Type LED Lamps
logo
Lucky Light Electronic
GB-B226 LUCKY-LIGHT-GB-B226 Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (3mm)
GB-234 LUCKY-LIGHT-GB-234 Datasheet
41Kb / 1P
   Round Type, Flangeless LED Lamps (3mm)
logo
A-BRIGHT Inc
AL-314UY2C-A A-BRIGHT-AL-314UY2C-A_06 Datasheet
315Kb / 5P
   3mm Round LED Lamps
2006/9/25
AL-314W1C A-BRIGHT-AL-314W1C_06 Datasheet
322Kb / 6P
   3mm Round LED Lamps
2006/9/26
AL-314OR6C A-BRIGHT-AL-314OR6C_08 Datasheet
311Kb / 5P
   3mm Round LED Lamps
2008/3/19
AL-314UOC A-BRIGHT-AL-314UOC_06 Datasheet
315Kb / 5P
   3mm Round LED Lamps
2006/9/25
AL-314HT A-BRIGHT-AL-314HT_10 Datasheet
276Kb / 5P
   3mm Round LED Lamps
2010/5/5
AL-314LRC-A A-BRIGHT-AL-314LRC-A_09 Datasheet
237Kb / 5P
   3mm Round LED Lamps
2009/2/25
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com