Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-L101PGC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L101PGC
Description  10mm Round LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L101PGC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L101PGC Datasheet HTML 1Page - BetLux Electronics BL-L101PGC Datasheet HTML 2Page - BetLux Electronics BL-L101PGC Datasheet HTML 3Page - BetLux Electronics BL-L101PGC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Round Type LED lamp
BL-L101
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
10mm Round LED Lamps
Ø
Ultra brightness.
Ø
Choice of various viewing angles.
Ø
Diffused, Transparent and Water clear lens are available.
Ø
IC compatible /Low current capability.
Ø
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
P
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2¦È1/2
(deg)
BL-L101SRC
Hi Red
AlGa As,SH
660
1.85
2.20
50
250
BL-L101LRC
Super Red
AlGa As,DH
660
1.85
2.20
250
600
BL-L101URC
Ultra Red
AlGa As,DDH
660
1.95
2.20
600
1000
BL-L101UEC
Ultra Orange
AlGaInP
630
2.10
2.50
800
1500
BL-L101UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
600
1300
BL-L101UGC
Ultra Green
AlGaInP
574
2.20
2.50
200
700
BL-L101PGC
Ultra Pure Green
InGaN
525
3.80
4.50
1000
5000
BL-L101BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
800
4000
BL-L101UBC
Ultra Blue
InGaN
470
2.70
4.20
800
2000
BL-L101VC
UV
InGaN
405
Water
Clear
3.80
4.50
80
120
BL-L101UWC
Ultra White
InGaN
/
2.70
4.20
4000
10000
BL-L101UW2C
Warm White
InGaN
/
2.70
4.20
3000
8000
25
Absolute maximum ratings (Ta=25°C)
Parameter
SR
LR
UR
UE
UY
UG
PG
BG
B
UB
UV
W
U
nit
Forward Current
IF
25
25
25
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
65
65
75
110
110
120
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
150
100
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Ma x.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-L101PGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L101PGC BETLUX-BL-L101PGC Datasheet
72Kb / 3P
   Round Type LED lamp
More results

Similar Description - BL-L101PGC

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-103IR-85030C2 A-BRIGHT-AL-103IR-85030C2_08 Datasheet
326Kb / 5P
   10mm Round LED Lamps
2008/3/20
AL-103YD A-BRIGHT-AL-103YD_10 Datasheet
265Kb / 5P
   10mm Round LED Lamps
2010/5/5
AL-103IR-850-30C A-BRIGHT-AL-103IR-850-30C_08 Datasheet
316Kb / 5P
   10mm Round LED Lamps
AL-103B4C A-BRIGHT-AL-103B4C Datasheet
316Kb / 5P
   10mm Round LED Lamps
2008/3/19
AL-103B4C A-BRIGHT-AL-103B4C_08 Datasheet
311Kb / 5P
   10mm Round LED Lamps
2008/3/19
AL-103UO5C A-BRIGHT-AL-103UO5C_08 Datasheet
311Kb / 5P
   10mm Round LED Lamps
2008/3/19
AL-103OR6C A-BRIGHT-AL-103OR6C_08 Datasheet
311Kb / 5P
   10mm Round LED Lamps
2008/3/19
AL-103W5C A-BRIGHT-AL-103W5C_08 Datasheet
319Kb / 6P
   10mm Round LED Lamps
2008/3/19
AL-103HD A-BRIGHT-AL-103HD_10 Datasheet
264Kb / 5P
   10mm Round Type Lamps
2010/5/5
logo
Kingbright Corporation
WP819IID KINGBRIGHT-WP819IID Datasheet
416Kb / 6P
   10mm ROUND LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com