Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3210-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3210-1
Description  MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 3mm QFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3210-1 Datasheet(HTML) 5 Page - Linear Technology

  LTC3210-1 Datasheet HTML 1Page - Linear Technology LTC3210-1 Datasheet HTML 2Page - Linear Technology LTC3210-1 Datasheet HTML 3Page - Linear Technology LTC3210-1 Datasheet HTML 4Page - Linear Technology LTC3210-1 Datasheet HTML 5Page - Linear Technology LTC3210-1 Datasheet HTML 6Page - Linear Technology LTC3210-1 Datasheet HTML 7Page - Linear Technology LTC3210-1 Datasheet HTML 8Page - Linear Technology LTC3210-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3210-1

32101fd
MLED PIN CURRENT (mA)
0
60
80
120
100
16
32101 G11
40
20
0
4
2
8
6
12 14
18
10
20
VBAT = 3.6V
CLED PIN CURRENT (mA)
50
100
0
200
500
150
250
300
32101 G10
100
400
300
200
350 400
VBAT = 3.6V
VBAT VOLTAGE (V)
2.7
760
770
790
800
810
3.9
850
32101 G12
780
3.3
3.0
4.2
3.6
4.5
820
830
840
TA = 25°C
TA = –40°C
TA = 85°C
VBAT VOLTAGE (V)
2.7
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
3.6
4.2
32101 G13
3.0
3.3
3.9
4.5
TA = 25°C
TA = –40°C
TA = 85°C
VBAT VOLTAGE (V)
2.7
600
640
680
720
3.0
3.3
3.6
3.9
32101 G14
4.2
760
800
620
660
700
740
780
4.5
RM = 33.2k
RC = 24.3k
LOAD CURRENT (mA)
0
10
15
400
32101 G15
5
0
100
200
300
500
20
VBAT = 3.6V
LOAD CURRENT (mA)
0
10
15
400
32101 G16
5
0
100
200
300
500
20
VBAT = 3.6V
CLED PIN VOLTAGE (V)
0
240
320
400
0.8
32101 G17
160
80
200
280
360
120
40
0
0.2
0.4
0.6
1
VBAT = 3.6V
CLED Pin Dropout Voltage
vs CLED Pin Current
MLED Pin Dropout Voltage
vs MLED Pin Current
Oscillator Frequency
vs VBAT Voltage
VBAT Shutdown Current
vs VBAT Voltage
1x Mode No Load VBAT Current
vs VBAT Voltage
1.5x Mode Supply Current
vs ICPO (IVBAT – 1.5ICPO)
2x Mode Supply Current
vs ICPO (IVBAT – 2ICPO)
CLED Pin Current
vs CLED Pin Voltage
TA = 25°C, unless otherwise stated.
Typical perFormance characTerisTics


Similar Part No. - LTC3210-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3210-1 LINER-LTC3210-1 Datasheet
198Kb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 횞 3mm QFN
More results

Similar Description - LTC3210-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3210-1 LINER-LTC3210-1 Datasheet
198Kb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 횞 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD-1 LINEAR-LTC3210EUD-1 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210_15 Datasheet
264Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
LTC3210-2 LINER-LTC3210-2 Datasheet
214Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control in 3mm 횞 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
LTC3210-3 LINER-LTC3210-3_15 Datasheet
283Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control
LTC3210-2 LINER-LTC3210-2_15 Datasheet
283Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control
LT6559 LINER-LT6559_15 Datasheet
445Kb / 16P
   Triple Video Amplifier in 3mm 3mm QFN
logo
Exar Corporation
SP7682 EXAR-SP7682 Datasheet
512Kb / 19P
   Backlight and Flash Driver in QFN 3mm x 3mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com