Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTX303U Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KTX303U
Description  EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (SWITCHING, LOW VOLTAGE HIGH SPEED SWITCHING)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX303U Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KTX303U Datasheet HTML 1Page - KEC(Korea Electronics) KTX303U Datasheet HTML 2Page - KEC(Korea Electronics) KTX303U Datasheet HTML 3Page - KEC(Korea Electronics) KTX303U Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2003. 3. 11
4/4
KTX303U
Revision No : 1
C
- V , C - V
CB
COLLECTOR-BASE VOLTAGE V
(V)
EB
EMITTER-BASE VOLTAGE V
(V)
ob
Cob
CB
-0.1
-0.3
1
-1
-3
-10
-30
-100
3
5
10
30
50
100
300
500
1K
ib
Cib
EB
I =0A
f=1MHz
Ta=25 C
E
I
- V
R
REVERSE VOLTAGE V (V)
05
RR
0.5
1
5
10
I
- V
F
FORWARD VOLTAGE V (mV)
F
1
Ta=25 C
F
0
100
-1
10
1
10
2
10
-4
10
-3
10
-2
10
20
25
REVERSE VOLTAGE V (V)
5
5
10
50
0
R
15
10
100
C
- V
TR
30
200
300
400
500
10
15
20
25
Ta=25 C
f=1MHz
Ta=25 C
D (SBD)


Similar Part No. - KTX303U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX301 KEC-KTX301 Datasheet
69Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
KTX301E KEC-KTX301E Datasheet
69Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
KTX301U KEC-KTX301U Datasheet
69Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
KTX302U KEC-KTX302U Datasheet
406Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (GENERAL PURPOSE, LOW VOLTAGE HIGH SPEED SWITCHING)
More results

Similar Description - KTX303U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX403U KEC-KTX403U Datasheet
403Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (SWITCHING, LOW VOLTAGE HIGH SPEED SWITCHING)
KTX302U KEC-KTX302U Datasheet
406Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (GENERAL PURPOSE, LOW VOLTAGE HIGH SPEED SWITCHING)
KTX402U KEC-KTX402U Datasheet
417Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (GENERAL PURPOSE, LOW VOLTAGE HIGH SPEED SWITCHING)
KDR322 KEC-KDR322 Datasheet
66Kb / 2P
   SILICON EPITAXIAL SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR377E KEC-KDR377E Datasheet
384Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR367 KEC-KDR367 Datasheet
394Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR728 KEC-KDR728 Datasheet
389Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR368 KEC-KDR368 Datasheet
393Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR377 KEC-KDR377 Datasheet
387Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR729 KEC-KDR729 Datasheet
388Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com