Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3125 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3125
Description  1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3125 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3125_15 Datasheet HTML 7Page - Linear Technology LTC3125_15 Datasheet HTML 8Page - Linear Technology LTC3125_15 Datasheet HTML 9Page - Linear Technology LTC3125_15 Datasheet HTML 10Page - Linear Technology LTC3125_15 Datasheet HTML 11Page - Linear Technology LTC3125_15 Datasheet HTML 12Page - Linear Technology LTC3125_15 Datasheet HTML 13Page - Linear Technology LTC3125_15 Datasheet HTML 14Page - Linear Technology LTC3125_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTC3125
11
3125fa
APPLICATIONS INFORMATION
power losses compared to cheaper powdered iron types,
improving efficiency. The inductor should have low DCR
(DC resistance of the windings) to reduce the I2R power
losses, and must be able to support the peak inductor
current without saturating. Molded chokes and some chip
inductors usually do not have enough core area to support
the peak inductor currents of 1.8A seen on the LTC3125.
To minimize radiated noise, use a shielded inductor. See
Table 1 for suggested components and suppliers.
Table 1. Recommended Inductors
VENDOR
PART/STYLE
Coilcraft
(847) 639-6400
www.coilcraft.com
LPO2506
LPS4012, LPS4018
MSS6122
MSS4020
MOS6020
DS1605, DO1608
Coiltronics
www.cooperet.com
SD52, SD53, SD3114, SD3118
Murata
(714) 852-2001
www.murata.com
LQH55D
Sumida
(847) 956-0666
www.sumida
CDH40D11
Taiyo-Yuden
www.t-yuden.com
NP04SB
NR3015
NR4018
TDK
(847) 803-6100
www.component.tdk.com
VLP, LTF
VLF, VLCF
Wurth
(201) 785-8800
www.we-online.com
WE-TPC Type S, M, MH, MS
Output and Input Capacitor Selection
When selecting output capacitors for large pulsed loads,
the magnitude and duration of the pulsing current, together
with the ripple voltage specification, determine the choice
of the output capacitor. Both the ESR of the capacitor and
the charge stored in the capacitor each cycle contribute
to the output voltage ripple. The ripple due to the charge
is approximately:
VRIPPLE (mV)=
IPULSE –ISTANDBY
()•t
ON
COUT
where IPULSE and tON are the peak current and on time
during transmission burst and ISTANDBY is the current in
standby mode. The above is a worst-case approximation
assuming all the pulsing energy comes from the output
capacitor.
The ripple due to the capacitor ESR is:
VRIPPLE_ESR = (IPULSE – ISTANDBY) • ESR
Low ESR and high capacitance are critical to maintain low
output voltage ripple. Typically, two low profile 2200μF
parallel Vishay TANTAMOUNT
® tantalum, low ESR capaci-
tors are used. The capacitor has less than 40m
Ω ESR.
These capacitors can be used in parallel for even larger
capacitance values. For applications requiring very high
capacitance, the GS, GS2 and GW series from Cap-XX,
the BestCapTM series from AVX and PowerStor® Aerogel
Capacitors from Cooper all offer very high capacitance and
low ESR in various package options. Table 2 shows a list
of several reservoir capacitor manufacturers.
Multilayer ceramic capacitors are an excellent choice for
input decoupling of the step-up converter as they have
extremely low ESR and are available in small footprints.
Input capacitors should be located as close as possible
to the device. While a 10μF input capacitor is sufficient
for most applications, larger values may be used to re-
duce input current ripple without limitations. Consult the
manufacturers directly for detailed information on their
selection of ceramic capacitors. Although ceramic capaci-
tors are recommended, low ESR tantalum capacitors may
be used as well.
Table 2. Capacitor Vendor Information
SUPPLIER
PHONE
WEBSITE
Vishay
(402) 563-6866
www.vishay.com
AVX
(803) 448-9411
www.avxcorp.com
Cooper Bussman
(516) 998-4100
www.cooperbussman.com
Cap-XX
(843) 267-0720
www.cap-xx-com
Panasonic
(800) 394-2112
www.panasonic.com


Similar Part No. - LTC3125_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3125EDCB-PBF LINER-LTC3125EDCB-PBF Datasheet
297Kb / 16P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
LTC3125EDCB-TRPBF LINER-LTC3125EDCB-TRPBF Datasheet
297Kb / 16P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
More results

Similar Description - LTC3125_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
logo
Silicon Standard Corp.
SS6612 SSC-SS6612 Datasheet
618Kb / 16P
   High-Efficiency Synchronous Step-up DC/DC Converter with Selectable Current Limit
logo
Linear Technology
LTC3606B LINER-LTC3606B Datasheet
319Kb / 20P
   800mA Synchronous Step-Down DC/DC with Average Input Current Limit
LTC3606B LINER-LTC3606B_15 Datasheet
351Kb / 20P
   800mA Synchronous Step-Down DC/DC with Average Input Current Limit
logo
National Semiconductor ...
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2705 NSC-LM2705_07 Datasheet
322Kb / 12P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2703 NSC-LM2703 Datasheet
307Kb / 11P
   Micropower Step-up DC/DC Converter with 350mA Peak Current Limit
LM2705 NSC-LM2705 Datasheet
367Kb / 11P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Texas Instruments
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
[Old version datasheet]   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
Linear Technology
LTC3619B LINER-LTC3619B Datasheet
492Kb / 20P
   400mA/800mA Synchronous Step-Down DC/DC with Average Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com