Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2954 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2954
Description  Pushbutton On/Off Controller with P Interrupt
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2954 Datasheet(HTML) 5 Page - Linear Technology

  LTC2954 Datasheet HTML 1Page - Linear Technology LTC2954 Datasheet HTML 2Page - Linear Technology LTC2954 Datasheet HTML 3Page - Linear Technology LTC2954 Datasheet HTML 4Page - Linear Technology LTC2954 Datasheet HTML 5Page - Linear Technology LTC2954 Datasheet HTML 6Page - Linear Technology LTC2954 Datasheet HTML 7Page - Linear Technology LTC2954 Datasheet HTML 8Page - Linear Technology LTC2954 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC2954
5
2954fb
PB Power-Down Debounce Time
(tPD,MIN + tPDT) vs PDT External
Capacitance
PDT Pull-Up Current
vs Temperature
PB Current vs PB Voltage
PB Voltage vs External PB
Resistance to Ground
EN/EN VOL vs Current Load
EN (LTC2954-2) Voltage vs VIN
EN (LTC2954-1) Voltage vs VIN
Internal Default PB Power-Down
Debounce Time (tPD,MIN) vs VIN
TYPICAL PERFORMANCE CHARACTERISTICS
2954 G07
VIN (V)
0
5
10
15
20
25
30
70
60
40
50
30
20
10
0
TA = 25°C
2954 G08
1
100
1000
1000
10
10
100
10000
TA = 25°C
VIN = 3.3V
PDT EXTERNAL CAPACITANCE (nF)
2954 G09
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
–3.4
–3.2
–3.0
–2.8
–2.6
VIN = 26.4V
VIN = 2.7V
2954 G10
–10010
20
30
–5
5
15
25
–250
–200
–150
–100
–50
0
PB VOLTAGE (V)
TA = 25°C
VIN = 3.3V
2954 G11
0
0
50
100
150
200
250
300
510
15
20
VIN = 3.3V
TA = 25°C
EXTERNAL PB RESISTANCE TO GROUND (kΩ)
TA = –45°C
TA = 100°C
2954 G13
VIN (V)
0
4
1
2
3
TA = 25°C
100k PULL-UP FROM EN TO VIN
1.0
0.8
0.6
0.4
0.2
0
2954 G14
VIN (V)
04
1
2
3
4
3
2
1
0
TA = 25°C
100k PULL-UP FROM EN TO VIN
2954 G12
EN/EN CURRENT LOAD (mA)
0.0
600
500
400
300
200
100
0
2.0
0.5
1.0
1.5
2.5
TA = 25°C
VIN = 3.3V


Similar Part No. - LTC2954

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
LTC2954CDDB-1 LINER-LTC2954CDDB-1 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
LTC2954CDDB-2 LINER-LTC2954CDDB-2 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
LTC2954CTS8-1 LINER-LTC2954CTS8-1 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
LTC2954CTS8-2 LINER-LTC2954CTS8-2 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
More results

Similar Description - LTC2954

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
LTC2950CDDB-2 LINER-LTC2950CDDB-2 Datasheet
189Kb / 18P
   Pushbutton On/Off Controller
LTC2951-1 LINER-LTC2951-1_15 Datasheet
1Mb / 20P
   Pushbutton On/Off Controller
LTC2951-2 LINER-LTC2951-2_15 Datasheet
1Mb / 20P
   Pushbutton On/Off Controller
LTC2950-1 LINER-LTC2950-1_15 Datasheet
232Kb / 18P
   Pushbutton On/Off Controller
LTC2950CTS8-2 LINER-LTC2950CTS8-2 Datasheet
189Kb / 18P
   Pushbutton On/Off Controller
LTC2955 LINER-LTC2955_15 Datasheet
219Kb / 20P
   Pushbutton On/Off Controller with Automatic Turn-On
LTC2955 LINER-LTC2955 Datasheet
224Kb / 6P
   Pushbutton On/Off Controller with Automatic Turn-On
logo
Analog Devices
MAX16169 AD-MAX16169 Datasheet
528Kb / 13P
   nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
19-101732; Rev 0; 11/23
logo
Maxim Integrated Produc...
MAX16150 MAXIM-MAX16150 Datasheet
713Kb / 17P
   nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com