Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2954 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2954
Description  Pushbutton On/Off Controller with P Interrupt
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2954 Datasheet(HTML) 3 Page - Linear Technology

  LTC2954 Datasheet HTML 1Page - Linear Technology LTC2954 Datasheet HTML 2Page - Linear Technology LTC2954 Datasheet HTML 3Page - Linear Technology LTC2954 Datasheet HTML 4Page - Linear Technology LTC2954 Datasheet HTML 5Page - Linear Technology LTC2954 Datasheet HTML 6Page - Linear Technology LTC2954 Datasheet HTML 7Page - Linear Technology LTC2954 Datasheet HTML 8Page - Linear Technology LTC2954 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTC2954
3
2954fb
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.7V to 26.4V, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Supply Voltage Range
Steady State Operation
l
2.7
26.4
V
IIN
VIN Supply Current
System Power-On, VIN = 2.7V to 24V
l
612
μA
VUVL
VIN Undervoltage Lockout
VIN Falling
l
2.2
2.3
2.5
V
VUVL(HYST)
VIN Undervoltage Lockout
Hysteresis
50
400
700
mV
Pushbutton, Enable (PB, EN/EN))
VPB(MIN, MAX)
PB Voltage Range
Single-Ended
l
–1
26.4
V
IPB
PB Input Current
2.5V < VPB < 26.4V
VPB = 1V
VPB = 0.6V
l
l
l
–1
–3
–6
–9
±1
–12
–15
μA
μA
μA
VPB(VTH)
PB Input Threshold
PB Falling
l
0.6
0.8
1
V
VPB(VOC)
PB Open Circuit Voltage
IPB = –1μA
1
1.6
2
V
tEN,LOCKOUT
EN/EN Lockout Time (Note 5)
Enable Released
→ Enable Asserted
l
200
256
325
ms
IEN(LKG)
EN/EN Leakage Current
VEN/EN = 1V, Sink Current Off
VEN/EN = 26.4V, Sink Current Off
l
l
±0.1
±1
μA
μA
VEN(VOL)
EN/EN Voltage Output Low
IEN/EN = 500μA
l
0.11
0.4
V
Power-On Timing Pin (ONT)
IONT(PU)
ONT Pull-Up Current
VONT = 0V
l
–2.4
–3
–3.6
μA
IONT(PD)
ONT Pull-Down Current
VONT = 1.3V
l
2.4
3
3.6
μA
tDB, ON
Internal Turn-On Debounce Time
ONT Pin Float, PB Falling
→Enable Asserted
l
26
32
41
ms
tONT
Additional Adjustable Turn-On Time CONT = 1500pF
l
9
11.5
13.5
ms
Power-Down Timing Pin (PDT)
IPDT(PU)
PDT Pull-Up Current
VPDT = 0V
l
–2.4
–3
–3.6
μA
IPDT(PD)
PDT Pull-Down Current
VPDT = 1.3V
l
2.4
3
3.6
μA
tDB,OFF
Turn-Off Interrupt Debounce Time
PB Falling
→INT Falling
l
26
32
41
ms
tPD,MIN
Internal
PB Power-Down Debounce
Time (Note 4)
PDT Pin Float, PB Falling
→Enable Released
l
52
64
82
ms
tPDT
Additional Adjustable PB
Power-Down Debounce Time
CPDT = 1500pF
l
9
11.5
13.5
ms
tINT,MIN
Minimum INT Pulse Width
INT Asserted
→INT Released
l
26
32
41
ms
tINT,MAX
Maximum INT Pulse Width
CPDT = 1500pF, INT Asserted → INT Released
l
35
43.5
54.5
ms
μP Handshake Pins (INT, KILL)
IINT(LKG)
INT Leakage Current
VINT = 3V
l
±1
μA
VINT(VOL)
INT Output Voltage Low
IINT = 3mA
l
0.11
0.4
V
VKILL(TH)
KILL Input Threshold Voltage
KILL Falling
l
0.57
0.6
0.63
V
VKILL(HYST)
KILL Input Threshold Hysteresis
l
10
30
50
mV
IKILL(LKG)
KILL Leakage Current
VKILL = 0.6V
l
±0.1
μA
tKILL(PW)
KILL Minimum Pulse Width
l
30
μs
tKILL(PD)
KILL Propagation Delay
KILL Falling
→Enable Released
l
30
μs
tKILL,ON BLANK
KILL Turn-On Blanking (Note 3)
KILL = Low, Enable Asserted
→ Enable Released
l
400
512
650
ms
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC2954

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
LTC2954CDDB-1 LINER-LTC2954CDDB-1 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
LTC2954CDDB-2 LINER-LTC2954CDDB-2 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
LTC2954CTS8-1 LINER-LTC2954CTS8-1 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
LTC2954CTS8-2 LINER-LTC2954CTS8-2 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
More results

Similar Description - LTC2954

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
LTC2950CDDB-2 LINER-LTC2950CDDB-2 Datasheet
189Kb / 18P
   Pushbutton On/Off Controller
LTC2951-1 LINER-LTC2951-1_15 Datasheet
1Mb / 20P
   Pushbutton On/Off Controller
LTC2951-2 LINER-LTC2951-2_15 Datasheet
1Mb / 20P
   Pushbutton On/Off Controller
LTC2950-1 LINER-LTC2950-1_15 Datasheet
232Kb / 18P
   Pushbutton On/Off Controller
LTC2950CTS8-2 LINER-LTC2950CTS8-2 Datasheet
189Kb / 18P
   Pushbutton On/Off Controller
LTC2955 LINER-LTC2955_15 Datasheet
219Kb / 20P
   Pushbutton On/Off Controller with Automatic Turn-On
LTC2955 LINER-LTC2955 Datasheet
224Kb / 6P
   Pushbutton On/Off Controller with Automatic Turn-On
logo
Analog Devices
MAX16169 AD-MAX16169 Datasheet
528Kb / 13P
   nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
19-101732; Rev 0; 11/23
logo
Maxim Integrated Produc...
MAX16150 MAXIM-MAX16150 Datasheet
713Kb / 17P
   nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com