Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD16700 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PD16700
Description  256-OUTPUT TFT-LCD GATE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16700 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PD16700_15 Datasheet HTML 5Page - Renesas Technology Corp PD16700_15 Datasheet HTML 6Page - Renesas Technology Corp PD16700_15 Datasheet HTML 7Page - Renesas Technology Corp PD16700_15 Datasheet HTML 8Page - Renesas Technology Corp PD16700_15 Datasheet HTML 9Page - Renesas Technology Corp PD16700_15 Datasheet HTML 10Page - Renesas Technology Corp PD16700_15 Datasheet HTML 11Page - Renesas Technology Corp PD16700_15 Datasheet HTML 12Page - Renesas Technology Corp PD16700_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet S14085EJ3V0DS
7
µµµµ PD16700
Switching Characteristics (TA = –20 to +75
°°°°C, VDD1 = 3.3 V ±±±± 0.3 V, VDD2 = 23 V, VEE1 = VEE2 = –10 V, VSS = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Cascade Output Delay Time
tPHL1
CL = 20 pF,
240
800
ns
tPLH1
CLK
→ STVL (STVR)
240
800
ns
Driver Output Delay Time
tPHL2
CL = 300 pF, CLK
→ On
240
800
ns
tPLH2
240
800
ns
tPHL3
CL = 300 pF, OEn
→ On
240
800
ns
tPLH3
240
800
ns
Output Rise Time
tTLH
CL = 300 pF
350
ns
Output Fall Time
tTHL
350
ns
Input Capacitance
CI
TA = 25 °C
6.0
15
pF
Timing Requirements (TA = –20 to +75
°°°°C, VDD1 = 3.3 V ±±±± 0.3 V, VDD2 = 23 V, VEE1 = VEE2 = –10 V, VSS = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Clock Pulse High Width
PWCLK(H)
500
ns
Clock Pulse Low Width
PWCLK(L)
500
ns
Enable Pulse Width
PWOE
1.0
µs
Data Setup Time
tSETUP
STVR (STVL)
↑ → CLK ↑
200
ns
Data Hold Time
tHOLD
CLK
↑ → STVR(STVL) ↓
200
ns
Caution
Keep the time and fall time of the logic input to tr = tf = 20 ns (10 to 90% of the rated values).
Remark
Unless otherwise specified, the input level is defined to be VIH = 0.8 VDD1, VIL = 0.2 VDD1. For details, refer
to Switching Characteristic Waveform.


Similar Part No. - PD16700_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16704 RENESAS-PD16704_15 Datasheet
215Kb / 16P
   240-OUTPUT TFT-LCD GATE DRIVER
PD16705 RENESAS-PD16705_15 Datasheet
207Kb / 14P
   263/256-OUTPUT TFT-LCD GATE DRIVER
PD16706 RENESAS-PD16706_15 Datasheet
213Kb / 14P
   308/300-OUTPUT TFT-LCD GATE DRIVER
logo
NEC
PD16707 NEC-PD16707 Datasheet
123Kb / 21P
   MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PD16707A RENESAS-PD16707A_15 Datasheet
281Kb / 15P
   263/256-OUTPUT TFT-LCD GATE DRIVER
More results

Similar Description - PD16700_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
   256-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16707 RENESAS-PD16707_15 Datasheet
262Kb / 23P
   263/256-OUTPUT TFT-LCD GATE DRIVER
PD16707A RENESAS-PD16707A_15 Datasheet
281Kb / 15P
   263/256-OUTPUT TFT-LCD GATE DRIVER
logo
Sharp Corporation
LH1694 SHARP-LH1694 Datasheet
123Kb / 10P
   256-output TFT-LCD Gate Driver IC
logo
NEC
UPD16705 NEC-UPD16705 Datasheet
70Kb / 12P
   263/256-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16705 RENESAS-PD16705_15 Datasheet
207Kb / 14P
   263/256-OUTPUT TFT-LCD GATE DRIVER
logo
Texas Instruments
MPT57605 TI-MPT57605 Datasheet
120Kb / 9P
[Old version datasheet]   256-OUTPUT TFT GATE DRIVER
logo
Samsung semiconductor
KS0647 SAMSUNG-KS0647 Datasheet
101Kb / 15P
   256 CHANNEL TFT-LCD GATE DRIVER
KS0649 SAMSUNG-KS0649 Datasheet
101Kb / 15P
   256 CHANNEL TFT-LCD GATE DRIVER
S6C0649 SAMSUNG-S6C0649 Datasheet
118Kb / 14P
   256 CHANNEL TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com