Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABS15LJ Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ABS15LJ
Description  Surface Mount Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ABS15LJ Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ABS15LJ_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ABS15LJ_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ABS15LJ_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ABS15LJ_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Ideal for automated placement
- Reliable low cost construction utilizing molded plastic technique
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
I
2tA2s
TJ
OC
TSTG
OC
Document Number: DS_D1404011
Version: A13
ABS15LJ
Taiwan Semiconductor
Surface Mount Bridge Rectifiers
FEATURES
- Moisture sensitivity: level 1, per J-STD-020
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
ABS
MECHANICAL DATA
Case:
Molded plastic body
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Polarity:
Polarity as marked on the body
Weight:
0.096 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
Maximum DC blocking voltage
Maximum average forward rectified current
1.5
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
60
A
Maximum instantaneous forward voltage (Note 1)
IF= 0.5 A
IF= 1.5 A
VF
Typ.
Max.
V
0.85
-
0.90
0.95
OC/W
Operating junction temperature range
- 55 to +150
Maximum DC reverse current
TJ=25 ℃
at rated DC blocking voltage
TJ=125℃
IR
5
150
μA
RθJL
RθJA
25
80
Rating for fusing (t<8.3ms)
14.94
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
ABS15LJ
600
420
600
Typical thermal resistance


Similar Part No. - ABS15LJ_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ABS15LJ TSC-ABS15LJ Datasheet
231Kb / 3P
   Surface Mount Bridge Rectifiers
More results

Similar Description - ABS15LJ_15

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
RMB2S SSC-RMB2S Datasheet
190Kb / 3P
   Surface Mount Bridge Rectifiers
logo
Bruckewell Technology L...
DF005S BWTECH-DF005S Datasheet
232Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
RMB2F JUXING-RMB2F Datasheet
670Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
MB05F_GW JUXING-MB05F_GW Datasheet
820Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
DBS05 JUXING-DBS05 Datasheet
961Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
DB151S JUXING-DB151S Datasheet
1Mb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
   Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
   Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
MB0405F JUXING-MB0405F Datasheet
970Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
UMB05F JUXING-UMB05F_17 Datasheet
1Mb / 3P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
UMB05F CHENDA-UMB05F Datasheet
1Mb / 3P
   SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com