Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD16647 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PD16647
Description  402/384-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16647 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PD16647_15 Datasheet HTML 7Page - Renesas Technology Corp PD16647_15 Datasheet HTML 8Page - Renesas Technology Corp PD16647_15 Datasheet HTML 9Page - Renesas Technology Corp PD16647_15 Datasheet HTML 10Page - Renesas Technology Corp PD16647_15 Datasheet HTML 11Page - Renesas Technology Corp PD16647_15 Datasheet HTML 12Page - Renesas Technology Corp PD16647_15 Datasheet HTML 13Page - Renesas Technology Corp PD16647_15 Datasheet HTML 14Page - Renesas Technology Corp PD16647_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet S13607EJ3V0DS
9
µµµµPD16647
7. CURRENT CONSUMPTION REDUCTION FUNCTION
It is possible to fine-control the bias current of the output amplifier (Static current consumption) by using the bias current
control function (Bcont pin). When using this function, connect this pin to the stabilized VDD2 potential using an external
resistor (REXT). When not using this function, however, short-circuit this pin to VDD2.
Figure 7-1. Bias Current Control Function/Bcont
PD16647
Bcont
REXT
VDD2
µ
Refer to the table below for the percentage of current regulation compare to normal mode, when using the bias current
control function.
Table 7-1. Current Consumption Regulation Percentage Compared to Normal Mode (VDD1 = 3.3 V, VDD2 = 5 V)
REXT (k
Ω)
Current Consumption Regulation Percentage (%)
Short-circuit
100
10
95
20
91
40
85
80
79
Remark Be aware that the above current consumption regulation percentages are not product-
characteristic guaranteed as they are based on the results of simulation.
Caution
Because the bias-current control functions control the bias current in the output amplifier and
regulate the over-all current consumption of the driver IC, when this occurs, the characteristics
of the output amplifier will simultaneously change. Therefore, when using these functions, be
sure to sufficiently evaluate the picture quality.
5


Similar Part No. - PD16647_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16640C RENESAS-PD16640C_15 Datasheet
238Kb / 18P
   300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
PD16641 RENESAS-PD16641_15 Datasheet
322Kb / 21P
   240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
More results

Similar Description - PD16647_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16647 NEC-UPD16647 Datasheet
108Kb / 16P
   402/384-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
Renesas Technology Corp
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16715A RENESAS-PD16715A_15 Datasheet
253Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER(COMPATIBLE WITH 64-GRAY SCALES)
PD160061 RENESAS-PD160061_15 Datasheet
363Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16641 RENESAS-PD16641_15 Datasheet
322Kb / 21P
   240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PD16754 RENESAS-PD16754_15 Datasheet
272Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com