Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD16602 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PD16602
Description  312-OUTPUT TFT-LCD FULL COLOR DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16602 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PD16602_15 Datasheet HTML 7Page - Renesas Technology Corp PD16602_15 Datasheet HTML 8Page - Renesas Technology Corp PD16602_15 Datasheet HTML 9Page - Renesas Technology Corp PD16602_15 Datasheet HTML 10Page - Renesas Technology Corp PD16602_15 Datasheet HTML 11Page - Renesas Technology Corp PD16602_15 Datasheet HTML 12Page - Renesas Technology Corp PD16602_15 Datasheet HTML 13Page - Renesas Technology Corp PD16602_15 Datasheet HTML 14Page - Renesas Technology Corp PD16602_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
9
µµµµPD16602
(4) Relatonship with HS and PL/NL
HS
PL/NL
CLK
SPR
(SPL)
tHS-SETUP
tHS-HOLD
tHS-SP
Sampling period
01 2
0 1 2
26 27
Hi-Z
Output period
Caution
HS and PL/NL edges have no relationship with clock timing.
Timing Item
Symbol
Description
Horizontal synchronization
setup time
tHS-SETUP
Setup time of PL/NL signal with respect to HS.
Secure 50 nsMIN. at least.
Horizontal synchronization
hold time
tHS-HOLD
PL/NL hold time. Secure 250 nsMIN. at least.
The hold capacitance at this time is at common potential VCOM, but the output
buffer does not reach VCOM, and therefore sampling is not possible.
Sampling start time
tHS-SP
Time for the output buffer to reach VCOM (reset level).
Secure 1.0
µsMIN at least. Sampling is possible at this time.
Input the start pulse at this time.
These characteristics are specified by load constants of 50 k
Ω + 100 pF.
(5) Internal sampling delay
CLK
SP1
SP2
DR0 to DR3 (input)
DG0 to DG3 (input)
DB0 to DB3 (input)
td1
td1
td2
td2
Timing Duration
Symbol
Description
CLK-sampling pulse delay
td1
Delay time between CLK signal and rising edge of internal sampling pulse
SPn.
Input an analog image signal with a timing difference of td1 in order to secure
a sufficient sampling period.
Sampling pulse-CLK delay
td2
Delay time between CLK signal and falling edge of internal sampling pulse.
td1 is 22 ±5 ns and td2 is 14 ±5 ns (these are not guaranteed values).


Similar Part No. - PD16602_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD166010 RENESAS-PD166010_15 Datasheet
403Kb / 27P
   SINGLE N-CHANNEL HIGH SIDE INTELLIGENT POWER DEVICE
PD166017T1F RENESAS-PD166017T1F Datasheet
188Kb / 24P
   INTELLIGENT POWER DEVICE
More results

Similar Description - PD16602_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16602 NEC-UPD16602 Datasheet
134Kb / 16P
   312-OUTPUT TFT-LCD FULL COLOR DRIVER
logo
Crystalfontz America, I...
CFAF800480C1-050T CRYSTAIFONTZ-CFAF800480C1-050T Datasheet
1Mb / 19P
   FULL COLOR TFT LCD MODULE
logo
NEC
UPD16633B NEC-UPD16633B Datasheet
108Kb / 20P
   312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES
logo
Purdy Electronics Corpo...
AND-TFT-104TS PURDY-AND-TFT-104TS Datasheet
1,008Kb / 15P
   color TFT-LCD
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
   480 OUTPUT TFT-LCD SOURCE DRIVER
logo
NEC
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD16781 NEC-UPD16781 Datasheet
115Kb / 16P
   480 OUTPUT TFT-LCD SOURCE DRIVER
UPD16655 NEC-UPD16655 Datasheet
71Kb / 12P
   240-OUTPUT TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com