Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-FL7644UEC Datasheet(PDF) 4 Page - BetLux Electronics

Part # BL-FL7644UEC
Description  7.62*7.62*4.0MM, 4MM Cylindrical, Inverted Cone SUPER FLUX LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-FL7644UEC Datasheet(HTML) 4 Page - BetLux Electronics

  BL-FL7644UEC Datasheet HTML 1Page - BetLux Electronics BL-FL7644UEC Datasheet HTML 2Page - BetLux Electronics BL-FL7644UEC Datasheet HTML 3Page - BetLux Electronics BL-FL7644UEC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
  
SUPER FLUX LED LAMP, 4PIN LED
BL-FL7644xx
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 4 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
n
Packing and weighting
0.25g/pcs
500pcs/bag
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-FL7644UEC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-FL7644UEC BETLUX-BL-FL7644UEC Datasheet
149Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7644UEC BETLUX-BL-FL7644UEC Datasheet
365Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
More results

Similar Description - BL-FL7644UEC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-FL7670 BETLUX-BL-FL7670 Datasheet
305Kb / 4P
   7.62*7.62*4.0MM, 3MM ROUND SUPER FLUX LED LAMP
BL-FL7660 BETLUX-BL-FL7660 Datasheet
300Kb / 4P
   7.62*7.62*4.0MM, 3MM ROUND SUPER FLUX LED LAMP
BL-FL7600 BETLUX-BL-FL7600 Datasheet
229Kb / 4P
   7.62*7.62*2.5MM, flat top, SUPER FLUX LED LAMP
BL-FL7680 BETLUX-BL-FL7680 Datasheet
510Kb / 4P
   7.62*7.62*5.0MM, 5MM ROUND SUPER FLUX LED LAMP
BL-FL760R BETLUX-BL-FL760R Datasheet
229Kb / 4P
   7.62*7.62*3.5MM, flat round top, SUPER FLUX LED LAMP
BL-FL7653 BETLUX-BL-FL7653 Datasheet
230Kb / 4P
   7.62*7.62*4.7MM, 3MM Elliptical head SUPER FLUX LED LAMP
BL-FL7615 BETLUX-BL-FL7615 Datasheet
229Kb / 4P
   7.62*7.62*5.0MM, 5mm high power, SUPER FLUX LED LAMP
BL-L333SRC BETLUX-BL-L333SRC Datasheet
72Kb / 3P
   Cylindrical, Inverted Cone LED lamp
BL-L532SRC BETLUX-BL-L532SRC Datasheet
71Kb / 3P
   Cylindrical, Inverted Cone LED lamp
BL-L334SRC BETLUX-BL-L334SRC Datasheet
72Kb / 3P
   Cylindrical, Inverted Cone LED lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com