Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2308 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2308
Description  Low Noise, 500ksps, 8-Channel, 12-Bit ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2308 Datasheet(HTML) 3 Page - Linear Technology

  LTC2308 Datasheet HTML 1Page - Linear Technology LTC2308 Datasheet HTML 2Page - Linear Technology LTC2308 Datasheet HTML 3Page - Linear Technology LTC2308 Datasheet HTML 4Page - Linear Technology LTC2308 Datasheet HTML 5Page - Linear Technology LTC2308 Datasheet HTML 6Page - Linear Technology LTC2308 Datasheet HTML 7Page - Linear Technology LTC2308 Datasheet HTML 8Page - Linear Technology LTC2308 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2308
3
2308fb
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Bipolar Full-Scale Error
External Reference (Note 8)
l
±1
±9
LSB
Bipolar Full-Scale Error Drift
External Reference
0.05
LSB/°C
Bipolar Full-Scale Error Match
l
±0.5
±3
LSB
Unipolar Full-Scale Error
External Reference (Note 8)
l
±1.5
±8
LSB
Unipolar Full-Scale Error Drift
External Reference
0.05
LSB/°C
Unipolar Full-Scale Error Match
l
±0.4
±3
LSB
CONVERTER AND MULTIPLEXER CHARACTERISTICS The l denotes the specifications
which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Notes 4, 5)
ANALOG INPUT The l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN+
Absolute Input Range (CH0 to CH7)
(Note 9)
l
–0.05
REFCOMP
V
VIN–
Absolute Input Range (CH0 to CH7,
COM)
Unipolar (Note 9)
Bipolar (Note 9)
l
l
–0.05
–0.05
0.25 • REFCOMP
0.75 • REFCOMP
V
V
VIN+ – VIN–
Input Differential Voltage Range
VIN = VIN+ – VIN– (Unipolar)
VIN = VIN+ – VIN– (Bipolar)
l
l
0 to REFCOMP
±REFCOMP/2
V
V
IIN
Analog Input Leakage Current
l
±1
μA
CIN
Analog Input Capacitance
Sample Mode
Hold Mode
55
5
pF
pF
CMRR
Input Common Mode Rejection Ratio
70
dB
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C and AIN = –1dBFS. (Notes 4, 10)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SINAD
Signal-to-(Noise + Distortion) Ratio
fIN = 1kHz
l
71
73.3
dB
SNR
Signal-to-Noise Ratio
fIN = 1kHz
l
71
73.4
dB
THD
Total Harmonic Distortion
fIN = 1kHz, First 5 Harmonics
l
–90
–78
dB
SFDR
Spurious Free Dynamic Range
fIN = 1kHz
l
80
90
dB
Channel-to-Channel Isolation
fIN = 1kHz
–109
dB
Full Linear Bandwidth
(Note 11)
700
kHz
–3dB Input Linear Bandwidth
25
MHz
Aperture Delay
13
ns
Transient Reponse
Full-Scale Step
240
ns


Similar Part No. - LTC2308

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2308 LINER-LTC2308 Datasheet
450Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
LTC2308CUF-PBF LINER-LTC2308CUF-PBF Datasheet
450Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
LTC2308CUF-TRPBF LINER-LTC2308CUF-TRPBF Datasheet
450Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
LTC2308CUFXPBF LINER-LTC2308CUFXPBF Datasheet
450Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
LTC2308CUFXTRPBF LINER-LTC2308CUFXTRPBF Datasheet
450Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
More results

Similar Description - LTC2308

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2308 LINER-LTC2308 Datasheet
450Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
LTC2302 LINER-LTC2302_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2306 LINER-LTC2306_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2302 LINER-LTC2302 Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_11 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs Low-Noise 73dB SNR
Rev 2; 6/11
logo
Linear Technology
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1745 LINER-LTC1745 Datasheet
208Kb / 20P
   Low Noise,12-Bit, 25Msps ADC
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
   12-Bit, 80Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com