Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM0051 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PM0051
Description  How to program STM8S and STM8A Flash program memory and data EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0051 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PM0051 Datasheet HTML 3Page - STMicroelectronics PM0051 Datasheet HTML 4Page - STMicroelectronics PM0051 Datasheet HTML 5Page - STMicroelectronics PM0051 Datasheet HTML 6Page - STMicroelectronics PM0051 Datasheet HTML 7Page - STMicroelectronics PM0051 Datasheet HTML 8Page - STMicroelectronics PM0051 Datasheet HTML 9Page - STMicroelectronics PM0051 Datasheet HTML 10Page - STMicroelectronics PM0051 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
PM0051
Memory organization
Doc ID 14614 Rev 3
7/27
2.2
Medium density STM8S microcontrollers
The memory is divided into two arrays:
From 16 to 32 Kbytes of Flash program memory organized in up to 64 pages of 4
blocks of 128 bytes each. The Flash program memory is divided into 2 areas, the user
boot code area (UBC), which size can be configured by option byte, and the main
program memory area. The Flash program memory is mapped in the upper part of the
STM8S addressing space and includes the reset and interrupt vectors.
1 Kbytes of data EEPROM (DATA) organized in up to 2 pages of 4 blocks of 128 bytes
each. One block (128 bytes) contains the option bytes of which 13 are used to
configure the device hardware features. The options bytes can be programmed in user,
IAP and ICP/SWIM modes.
Refer to Table 2 for a detailed description of the memory partition for medium density
STM8S microcontrollers.
Table 1.
Low density STM8S memory partition
Area
Page number (1 page=1 block)
Block number (1 block=64 bytes)
Address
Data EEPROM
00
0x00 4000-
0x00 403F
11
0x00 4040-
0x00 407F
22
0x00 4080-
0x00 40BF
...
...
...
99
0x00 4240-
0x00 427F
Option bytes
-
0 (one block only)
0x00 4800-
0x00 483F
Flash program
memory
00
0x00 8000-
0x00 803F
11
0x00 8040-
0x00 807F
22
0x00 8080-
0x00 80BF
...
...
...
127
127
0x00 9FC0-
0x00 9FFF


Similar Part No. - PM0051

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM0054 STMICROELECTRONICS-PM0054 Datasheet
246Kb / 28P
   How to program STM8L and STM8AL Flash program memory and data EEPROM
PM0056 STMICROELECTRONICS-PM0056 Datasheet
4Mb / 156P
   This programming manual provides information
PM0059 STMICROELECTRONICS-PM0059 Datasheet
381Kb / 29P
   This programming manual describes how to program
More results

Similar Description - PM0051

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM0054 STMICROELECTRONICS-PM0054 Datasheet
246Kb / 28P
   How to program STM8L and STM8AL Flash program memory and data EEPROM
PM0212 STMICROELECTRONICS-PM0212 Datasheet
161Kb / 22P
   How to program the STM8TL5xxx Flash program memory and data EEPROM
AN2692 STMICROELECTRONICS-AN2692 Datasheet
215Kb / 29P
   How to program/reprogram the ST10F269Zx Flash memory
logo
ATMEL Corporation
AT90S2323 ATMEL-AT90S2323_14 Datasheet
1Mb / 64P
   Data and Nonvolatile Program Memory
AT89LP3240 ATMEL-AT89LP3240_14 Datasheet
5Mb / 200P
   Nonvolatile Program and Data Memory
AT90LS4433 ATMEL-AT90LS4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90S4433 ATMEL-AT90S4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
   Data and non-volatile program memory
AT90S1200 ATMEL-AT90S1200_14 Datasheet
1Mb / 71P
   Data and Non-volatile Program Memory
ATMEGA161L ATMEL-ATMEGA161L_14 Datasheet
1Mb / 159P
   Program and Data Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com