Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4448W Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # 1N4448W
Description  Two Terminals SMD Switching Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4448W Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  1N4448W Datasheet HTML 1Page - TAITRON Components Incorporated 1N4448W Datasheet HTML 2Page - TAITRON Components Incorporated 1N4448W Datasheet HTML 3Page - TAITRON Components Incorporated 1N4448W Datasheet HTML 4Page - TAITRON Components Incorporated 1N4448W Datasheet HTML 5Page - TAITRON Components Incorporated 1N4448W Datasheet HTML 6Page - TAITRON Components Incorporated 1N4448W Datasheet HTML 7Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev. F/CH
1N4148W 1N4448W
Two Terminals SMD Switching Diodes
www.taitroncomponents.com
Page 3 of 7
Marking Information:
1N4148W
1N4448W
XX: Date Code
1. Odd year such as 2011, 2013, 2015, 2017, 2019
week tens digit
0
1
2
3
4
5
1st X
0
1
2
3
4
5
week units
0
1
2
3
4
5
6
7
8
9
2nd X
0
1
2
3
4
5
X
7
8
N
For example: year 2011 week 19, XX shows 1N
2. Even year such as 2010, 2012, 2014, 2016, 2018
week tens digit
0
1
2
3
4
5
1st X
E
N
K
H
R
V
week units
0
1
2
3
4
5
6
7
8
9
2nd X
0
1
2
3
4
5
X
7
8
N
For example: year 2012 week 28, XX shows K8


Similar Part No. - 1N4448W

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
1N4448W DGNJDZ-1N4448W Datasheet
144Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Pan Jit International I...
1N4448W PANJIT-1N4448W Datasheet
53Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
DONGGUAN YOU FENG WEI E...
1N4448W YFWDIODE-1N4448W Datasheet
534Kb / 2P
   Fast switching Diode
logo
Tak Cheong Electronics ...
1N4448W TAK_CHEONG-1N4448W Datasheet
691Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
WILLAS ELECTRONIC CORP
1N4448W WILLAS-1N4448W Datasheet
428Kb / 3P
   SOD-123 Plastic-Encapsulate Diodes
More results

Similar Description - 1N4448W

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
1N4148WS TAITRON-1N4148WS_11 Datasheet
245Kb / 5P
   Two Terminals SMD Switching Diodes
MCL4148 TAITRON-MCL4148_10 Datasheet
188Kb / 5P
   Two Terminals SMD Switching Diodes
1N4148W TAITRON-1N4148W Datasheet
253Kb / 5P
   Two Terminals SMD Switching Diodes
1N4148WS TAITRON-1N4148WS Datasheet
226Kb / 5P
   Two Terminals SMD Switching Diodes
BAV19WS TAITRON-BAV19WS_10 Datasheet
213Kb / 6P
   Two Terminals SMD Switching Diodes
BAV19W TAITRON-BAV19W_09 Datasheet
191Kb / 5P
   Two Terminals SMD Switching Diodes
TWD4148-160WT TAITRON-TWD4148-160WT Datasheet
164Kb / 5P
   Two Terminals SMD Switching Diode
TWD400WT TAITRON-TWD400WT Datasheet
199Kb / 5P
   Two Terminals SMD Switching Diode
1N4148WU TAITRON-1N4148WU Datasheet
182Kb / 5P
   Two Terminals SMD Switching Diode
TWD160WT TAITRON-TWD160WT Datasheet
170Kb / 5P
   Two Terminals SMD Switching Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com