Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3033AY Datasheet(PDF) 1 Page - NEC

Part # UPD70F3033AY
Description  V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3033AY Datasheet(HTML) 1 Page - NEC

  UPD70F3033AY Datasheet HTML 1Page - NEC UPD70F3033AY Datasheet HTML 2Page - NEC UPD70F3033AY Datasheet HTML 3Page - NEC UPD70F3033AY Datasheet HTML 4Page - NEC UPD70F3033AY Datasheet HTML 5Page - NEC UPD70F3033AY Datasheet HTML 6Page - NEC UPD70F3033AY Datasheet HTML 7Page - NEC UPD70F3033AY Datasheet HTML 8Page - NEC UPD70F3033AY Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MOS INTEGRATED CIRCUIT
µµµµPD703031A, 703031AY, 703033A,
703033AY, 70F3033A, 70F3033AY
V850/SB1
TM
32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
Document No. U14734EJ1V0DS00 (1st edition)
Date Published April 2000 N CP(K)
Printed in Japan
DATA SHEET
©
2000
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
DESCRIPTION
The
µPD703031A, 703031AY, 703033A, 703033AY, 70F3033A, and 70F3033AY (V850/SB1) are 32-/16-bit
single-chip microcontrollers of the V850 Family
TM for AV equipment. 32-bit CPU, ROM, RAM, timer/counters, serial
interfaces, A/D converter, DMA controller, and so on are integrated on a single chip.
The
µPD70F3033A and 70F3033AY have flash memory in place of the internal mask ROM of the µPD703033A
and 703033AY. Because flash memory allows the program to be written and erased electrically with the device
mounted on the board, these products are ideal for the evaluation stages of system development, small-scale
production, and rapid development of new products.
Detailed function descriptions are provided in the following user’s manuals. Be sure to read them before
designing.
V850/SB1, V850/SB2
TM User’s Manual Hardware: U13850E
V850 Family User’s Manual Architecture:
U10243E
FEATURES
{ Number of instructions: 74
{ Minimum instruction execution time: 50 ns (@ internal 20 MHz operation)
{ General-purpose registers: 32 bits × 32 registers
{ Instruction set: Signed multiplication, saturation operations, 32-bit shift instructions, bit manipulation instructions,
load/store instructions
{ Memory space: 16 MB linear address space
{ Internal memory ROM: 128 KB (µPD703031A, 703031AY: mask ROM)
256 KB (
µPD703033A, 703033AY: mask ROM)
256 KB (
µPD70F3033A, 70F3033AY: flash memory)
RAM: 12 KB (
µPD703031A, 703031AY)
16 KB (
µPD703033A, 703033AY, 70F3033A, 70F3033AY)
{ Interrupt/exception: µPD703031A, 703033A, 70F3033A (external: 8, internal: 30 sources, exception: 1 source)
µPD703031AY, 703033AY, 70F3033AY (external: 8, internal: 31 sources, exception: 1 source)
{ I/O lines Total: 83
{ Timer/counters: 16-bit timer (2 channels: TM0, TM1)
8-bit timer (6 channels: TM2 to TM7)
{ Watch timer: 1 channel
{ Watchdog timer: 1 channel


Similar Part No. - UPD70F3033AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD70F3033AYGC-8EU RENESAS-UPD70F3033AYGC-8EU Datasheet
609Kb / 54P
   MOS INTEGRATED CIRCUIT
2000
UPD70F3033AYGF-3BA RENESAS-UPD70F3033AYGF-3BA Datasheet
609Kb / 54P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD70F3033AY

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3017A NEC-UPD70F3017A Datasheet
337Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703014A NEC-UPD703014A Datasheet
309Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com