Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN3408 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3408
Description  The NFC technology allows accessing standard
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 5Page - STMicroelectronics AN3408 Datasheet HTML 6Page - STMicroelectronics AN3408 Datasheet HTML 7Page - STMicroelectronics AN3408 Datasheet HTML 8Page - STMicroelectronics AN3408 Datasheet HTML 9Page - STMicroelectronics AN3408 Datasheet HTML 10Page - STMicroelectronics AN3408 Datasheet HTML 11Page - STMicroelectronics AN3408 Datasheet HTML 12Page - STMicroelectronics AN3408 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
DocID018867 Rev 4
9/38
AN3408
NDEF data
2
NDEF data
NDEF, which stands for NFC data exchange, is a data format defined by the NFC forum.
This format defines a message encapsulation format to exchange information between a
reader and a contactless tag.
NDEF can be used to exchange different types of information such as text, URI and others.
This chapter details NDEF for the following types of information:
text
URI
vCard, which is a virtual business card
Bluetooth, that allows to carry out the pairing between two bluetooth devices.
2.1
Overview
NDEF data is composed of:
Capability container
TLV field, which includes the NDEF message.
The TLV field is located after the CC field. The size of a TLV field is computed according to
the CC2 byte value.
2.2
Capability container field
The Capability container field (CC field) is a 4-byte field that contains an identification value
used to store an NDEF message. The signification of each byte is explained in Table 7.
Table 7. Capability container field description
Byte name
Byte
number
Value
Bit
Function
CC0
0
0xE1
7:0
NDEF message is present into memory (called magic number)
CC1
1
0xXX
7:6
Major version number
5:4
Minor version number
3:2
Read access condition
1:0
Write access condition
CC2
2
0xXX
7:0
Memory size of data field and CC field in bytes (= CC2 * 8)
CC3
3
0x0X
7:3
RFU
2
1: the IC memory size exceeds 2040 bytes (CC2 overflow)
0: the IC memory size is only defined by CC2 value (1)
1RFU
0
1: IC supports ReadMultipleBlocks Command
0: IC does not support ReadMultipleBlocks Command


Similar Part No. - AN3408

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN340 EXTECH-AN340 Datasheet
101Kb / 1P
   AN340 CMM/CFM Anemometer/ Psychrometer Datalogger
logo
STMicroelectronics
AN3400 STMICROELECTRONICS-AN3400 Datasheet
4Mb / 78P
   Analysis and simulation of a BJT complementary pair in a self-oscillating CFL solution
logo
Panasonic Semiconductor
AN34001A PANASONIC-AN34001A Datasheet
233Kb / 7P
   Nine-Output Linear Voltage Regulator
logo
STMicroelectronics
AN3401 STMICROELECTRONICS-AN3401 Datasheet
1Mb / 18P
   The SPV1001 and SPV1002 are system-in-package solutions
AN3404 STMICROELECTRONICS-AN3404 Datasheet
268Kb / 30P
   Low power considerations for STM8TL5xxx devices
More results

Similar Description - AN3408

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1551 STMICROELECTRONICS-UM1551 Datasheet
684Kb / 17P
   This demonstration board allows the easy measurement
logo
Texas Instruments
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
[Old version datasheet]   The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
logo
Molex Electronics Ltd.
PS-1462360001 MOLEX-PS-1462360001 Datasheet
1Mb / 13P
   Rectangular Standard NFC Antenna Product Specification
2021/03/17
logo
Level One
VOI-7010 LVL1-VOI-7010 Datasheet
114Kb / 3P
   The LevelOne VOI-7010 IP Phone allows for telephony
logo
MERITEK ELECTRONICS COR...
MNTS MERITEK-MNTS Datasheet
124Kb / 5P
   Multilayer structure allows diverse resistance values in the same B constant
logo
STMicroelectronics
SPC563M64AVB144 STMICROELECTRONICS-SPC563M64AVB144 Datasheet
61Kb / 6P
   Allows system calibration regardless of availability of standard MCU external bus
logo
ATMEL Corporation
AT90S8515 ATMEL-AT90S8515_14 Datasheet
71Kb / 4P
   LDS/STS when Accessing External RAM
logo
List of Unclassifed Man...
GP-1450 ETC2-GP-1450 Datasheet
505Kb / 2P
   PEN film reinforcement allows easy
logo
Maxim Integrated Produc...
MAX8643EVKIT MAXIM-MAX8643EVKIT Datasheet
215Kb / 6P
   Allows All-Ceramic Capacitor Design
Rev 0; 10/06
logo
NXP Semiconductors
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com