Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-30CTQ035SPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-30CTQ035SPBF
Description  High Performance Schottky Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30CTQ035SPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-30CTQ035SPBF Datasheet HTML 1Page - Vishay Siliconix VS-30CTQ035SPBF Datasheet HTML 2Page - Vishay Siliconix VS-30CTQ035SPBF Datasheet HTML 3Page - Vishay Siliconix VS-30CTQ035SPBF Datasheet HTML 4Page - Vishay Siliconix VS-30CTQ035SPBF Datasheet HTML 5Page - Vishay Siliconix VS-30CTQ035SPBF Datasheet HTML 6Page - Vishay Siliconix VS-30CTQ035SPBF Datasheet HTML 7Page - Vishay Siliconix VS-30CTQ035SPBF Datasheet HTML 8Page - Vishay Siliconix VS-30CTQ035SPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VS-30CTQ...SPbF, VS-30CTQ...-1PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 08-Dec-14
2
Document Number: 94188
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop per leg
See fig. 1
VFM (1)
15 A
TJ = 25 °C
0.62
V
30 A
0.76
15 A
TJ = 125 °C
0.56
30 A
0.70
Maximum reverse leakage current per leg
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
2
mA
TJ = 125 °C
15
Maximum junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
900
pF
Typical series inductance per leg
LS
Measured lead to lead 5 mm from package body
8.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
-55 to +175
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
See fig. 4
3.25
°C/W
Maximum thermal resistance,
junction to case per package
DC operation
1.63
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.50
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
6 (5)
kgf
cm
(lbf
in)
maximum
12 (10)
Marking device
Case style TO-263AB (D2PAK)
30CTQ045S
Case style TO-262AA
30CTQ045-1


Similar Part No. - VS-30CTQ035SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTQ035SPBF VISHAY-VS-30CTQ035SPBF Datasheet
164Kb / 8P
   High Performance Schottky Rectifier, 2 x 15 A
Revision: 08-Dec-14
More results

Similar Description - VS-30CTQ035SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20MQ060PBF VISHAY-VS-20MQ060PBF Datasheet
117Kb / 7P
   High Performance Schottky Rectifier
Revision: 16-Feb-15
VS-40L15CTSPBF VISHAY-VS-40L15CTSPBF_15 Datasheet
154Kb / 9P
   High Performance Schottky Rectifier
Revision: 24-Jul-14
VS-19TQ015SPBF VISHAY-VS-19TQ015SPBF Datasheet
153Kb / 8P
   High Performance Schottky Rectifier
Revision: 28-May-14
VS-47CTQ020SPBF VISHAY-VS-47CTQ020SPBF Datasheet
161Kb / 9P
   High Performance Schottky Rectifier
Revision: 09-Dec-14
VS-MBRS190-M3 VISHAY-VS-MBRS190-M3 Datasheet
125Kb / 8P
   High Performance Schottky Rectifier
Revision: 26-Aug-14
VS-120NQ045PBF VISHAY-VS-120NQ045PBF_17 Datasheet
140Kb / 6P
   High Performance Schottky Rectifier, 120 A
Revision: 11-May-17
VS-121NQ045PBF VISHAY-VS-121NQ045PBF_17 Datasheet
140Kb / 6P
   High Performance Schottky Rectifier, 120 A
Revision: 08-May-17
VS-180NQ045PBF VISHAY-VS-180NQ045PBF_17 Datasheet
142Kb / 6P
   High Performance Schottky Rectifier
Revision: 08-May-17
VS-242NQ030PBF VISHAY-VS-242NQ030PBF_17 Datasheet
141Kb / 6P
   High Performance Schottky Rectifier, 240 A
Revision: 08-May-17
VS-245NQ015PBF VISHAY-VS-245NQ015PBF_17 Datasheet
144Kb / 6P
   High Performance Schottky Rectifier
Revision: 08-May-17
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
128Kb / 7P
   High Performance Schottky Rectifier
Revision: 23-May-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com