Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD703100-33 Datasheet(PDF) 2 Page - NEC

Part # UPD703100-33
Description  V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703100-33 Datasheet(HTML) 2 Page - NEC

  UPD703100-33 Datasheet HTML 1Page - NEC UPD703100-33 Datasheet HTML 2Page - NEC UPD703100-33 Datasheet HTML 3Page - NEC UPD703100-33 Datasheet HTML 4Page - NEC UPD703100-33 Datasheet HTML 5Page - NEC UPD703100-33 Datasheet HTML 6Page - NEC UPD703100-33 Datasheet HTML 7Page - NEC UPD703100-33 Datasheet HTML 8Page - NEC UPD703100-33 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 126 page
background image
Preliminary Data Sheet U13995EJ1V0DS00
2
µµµµPD703100-33, 703100-40, 703101-33, 703102-33
ORDERING INFORMATION
Part Number
Package
Maximum Operating
Frequency (MHz)
Internal ROM
(bytes)
µPD703100GJ-33-8EU
144-pin plastic LQFP (fine pitch) (20
× 20 mm)
33 MHz
None
µPD703100GJ-40-8EU
144-pin plastic LQFP (fine pitch) (20
× 20 mm)
40 MHz
None
µPD703101GJ-33-xxx-8EU
144-pin plastic LQFP (fine pitch) (20
× 20 mm)
33 MHz
96 Kbytes
µPD703102GJ-33-xxx-8EU
144-pin plastic LQFP (fine pitch) (20
× 20 mm)
33 MHz
128 Kbytes
Remark xxx indicates ROM code suffix.
PIN CONFIGURATION (Top view)
144-pin plastic LQFP (fine pitch) (20
×××× 20 mm)
µPD703100GJ-33-8EU
µPD703101GJ-33-xxx-8EU
µPD703100GJ-40-8EU
µPD703102GJ-33-xxx-8EU
INTP103/DMARQ3/P07
INTP102/DMARQ2/P06
INTP101/DMARQ1/P05
INTP100/DMARQ0/P04
TI10/P03
TCLR10/P02
TO101/P01
TO100/P00
VSS
INTP113/DMAAK3/P17
INTP112/DMAAK2/P16
INTP111/DMAAK1/P15
INTP110/DMAAK0/P14
TI11/P13
TCLR11/P12
TO111/P11
TO110/P10
INTP123/TC3/P107
INTP122/TC2/P106
INTP121/TC1/P105
INTP120/TC0/P104
TI12/P103
TCLR12/P102
TO121/P101
TO120/P100
ANI7/P77
ANI6/P76
ANI5/P75
ANI4/P74
ANI3/P73
ANI2/P72
ANI1/P71
ANI0/P70
AVDD
AVSS
AVREF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
A16/P60
A17/P61
A18/P62
A19/P63
A20/P64
A21/P65
A22/P66
A23/P67
HVDD
CS0/RAS0/P80
CS1/RAS1/P81
CS2/RAS2/P82
CS3/RAS3/P83
CS4/RAS4/IOWR/P84
CS5/RAS5/IORD/P85
CS6/RAS6/P86
CS7/RAS7/P87
LCAS/LWR/P90
UCAS/UWR/P91
RD/P92
WE/P93
BCYST/P94
OE/P95
HLDAK/P96
HLDRQ/P97
VSS
REFRO/PX5
WAIT/PX6
CLKOUT/PX7
TO150/P120
TO151/P121
TCLR15/P122
TI15/P123
INTP150/P124
INTP151/P125
INTP152/P126
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73


Similar Part No. - UPD703100-33

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703100-33 RENESAS-UPD703100-33 Datasheet
680Kb / 84P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD703100-33

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD70F3461 RENESAS-PD70F3461_15 Datasheet
926Kb / 63P
   V850E/CAG4-M 32-Bit Single-Chip Microcontroller
logo
NEC
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com