Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1840 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1840
Description  Dual Fan Controller with 2-Wire Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1840 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1840 Datasheet HTML 4Page - Linear Technology LTC1840 Datasheet HTML 5Page - Linear Technology LTC1840 Datasheet HTML 6Page - Linear Technology LTC1840 Datasheet HTML 7Page - Linear Technology LTC1840 Datasheet HTML 8Page - Linear Technology LTC1840 Datasheet HTML 9Page - Linear Technology LTC1840 Datasheet HTML 10Page - Linear Technology LTC1840 Datasheet HTML 11Page - Linear Technology LTC1840 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC1840
8
1840f
LTC1840 Device Addressing
It is possible to configure the part to operate with any one
of nine separate addresses through the three state A0 and
A1 pins. Table 1 shows the correspondence of addresses
to the states of the pins:
Table 1. Device Addressing
LTC1840
2-Wire Bus Slave Address Bits
Device Address
(B7,B6,B5 = 111)
A0
A1
B4
B3
B2
B1
L
NC
0000
NC
H
0001
NC
NC
0010
H
NC
0011
LL0100
H
H
0101
NC
L0110
H
L0111
L
H
1000
For the A0 and A1 lines, L refers to a grounded pin, H is a
pin shorted to VCC and NC is no connect. The pin voltage
will be set to approximately VCC/2 when not connected.
Bits B7, B6 and B5 of the address are hardwired to 111.
Register Addresses and Contents
Fault conditions are cleared by the action of writing to the
fault register, but the data byte from the write command is
not actually loaded into the register.
A TACHA/B FLT (fault) bit will be high if the corresponding
TACHA/B FLTEN bit in the status register has been set high
and the corresponding TACHA/B counter has overflowed
its maximum count of 255. These faults are latched
internally and must be cleared by writing to the fault
register or by setting TACHA/B FLTEN low. The fault will be
reasserted if the counter is still in overflow after a write to
the fault register. The TACH FLT bits power-up in the low
state.
The blast and timer bits become high after blasting and
serial access time-out events, respectively.
A high GPIOX FLT bit reflects that the GPIOX pin has
caused a fault condition; to do so, the pin must be enabled
as fault producing in the GPIO setup register (GPIOX
FLTEN set high) and the logic state of the pin must change
after the enable. The fault is latched internally and must be
cleared through software by writing to the fault register or
by setting GPIOX FLTEN low; a change in the state of the
GPIOX pin from its state at the point of the fault register
being written will cause another fault to be signalled.
OPERATIO
Register
Register
Name
Address
Data Byte
(R/W)
R2 R1 R0
D7
D6
D5
D4
D3
D2
D1
D0
FAULT
000
TACHA FLT
TACHB FLT
Blast
Timer
GPI04 FLT
GPI03 FLT
GPI02 FLT
GPI01 FLT
(0)
(0)
(0)
(0)
(0)
(0)
(0)
(0)
STATUS
001
TACHA FLTEN TACHB FLTEN
DIV1
DIV0
*See Note 2
(0)
(0)
(0)
(0)
(0/1)
(0)
(0)
(1)
DACA
010
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
(0)
(0)
(0)
(0)
(0)
(0)
(0)
(0)
DACB
011
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
(0)
(0)
(0)
(0)
(0)
(0)
(0)
(0)
TACHA
100
Cnt A7
Cnt A6
Cnt A5
Cnt A4
Cnt A3
Cnt A2
Cnt A1
Cnt A0
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
TACHB
101
Cnt B7
Cnt B6
Cnt B5
Cnt B4
Cnt B3
Cnt B2
Cnt B1
Cnt B0
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
GPIO Data
110
GPIO4 Pin
GPIO3 Pin
GPIO2 Pin
GPIO1 Pin
GPIO4 Reg
GPIO3 Reg
GPIO2 Reg
GPIO1 Reg
(N/A)
(N/A)
(N/A)
(N/A)
(1)
(1)
(1)
(1)
GPIO Setup
111
GPIO4 BLNK
GPIO3 BLNK
GPIO2 BLNK
GPIO1 BLNK
GPIO4 FLTEN GPIO3 FLTEN GPIO2 FLTEN GPIO1 FLTEN
(0)
(0)
(0)
(0)
(0)
(0)
(0)
(0)
Table 2. LTC1840 Register Address and Contents
Note 1: Number in ( )signifies default bit status upon power-up.
Note 2: State of bit depends on slave address used.


Similar Part No. - LTC1840

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1840 LINER-LTC1840 Datasheet
203Kb / 12P
   Dual Fan Controller with 2-Wire Interface
LTC1840CGN LINER-LTC1840CGN Datasheet
203Kb / 12P
   Dual Fan Controller with 2-Wire Interface
LTC1840IGN LINER-LTC1840IGN Datasheet
203Kb / 12P
   Dual Fan Controller with 2-Wire Interface
More results

Similar Description - LTC1840

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1840 LINER-LTC1840 Datasheet
203Kb / 12P
   Dual Fan Controller with 2-Wire Interface
logo
Maxim Integrated Produc...
MAX9921 MAXIM-MAX9921 Datasheet
745Kb / 16P
   Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1; 1/10
MAX6639 MAXIM-MAX6639_V01 Datasheet
260Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
2013
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639 MAXIM-MAX6639 Datasheet
282Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 0; 5/05
MAX6640 MAXIM-MAX6640 Datasheet
724Kb / 22P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 0; 8/04
logo
Micrel Semiconductor
MIC74 MICREL-MIC74_14 Datasheet
781Kb / 20P
   2-Wire Serial I/O Expander and Fan Controller
logo
Maxim Integrated Produc...
MAX6640 MAXIM-MAX6640_08 Datasheet
218Kb / 21P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 2; 10/08
logo
Micrel Semiconductor
MIC74 MICREL-MIC74_06 Datasheet
260Kb / 18P
   2-Wire Serial I/O Expander and Fan Controller
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_08 Datasheet
203Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com