Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1772B Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1772B
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772B Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1772B Datasheet HTML 5Page - Linear Technology LTC1772B Datasheet HTML 6Page - Linear Technology LTC1772B Datasheet HTML 7Page - Linear Technology LTC1772B Datasheet HTML 8Page - Linear Technology LTC1772B Datasheet HTML 9Page - Linear Technology LTC1772B Datasheet HTML 10Page - Linear Technology LTC1772B Datasheet HTML 11Page - Linear Technology LTC1772B Datasheet HTML 12Page - Linear Technology LTC1772B Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC1772B
9
1772bfa
APPLICATIONS INFORMATION
Since the LTC1772B is designed for operation down to low
input voltages, a logic level threshold MOSFET (RDS(ON)
guaranteed at VGS = 2.5V) is required for applications that
work close to this voltage. When these MOSFETs are used,
make sure that the input supply to the LTC1772B is less
than the absolute maximum VGS rating, typically 8V.
The required minimum RDS(ON) of the MOSFET is governed
by its allowable power dissipation. For applications that
may operate the LTC1772B in dropout, i.e., 100% duty
cycle, at its worst case the required RDS(ON) is given by:
RDS(ON)
DC=100%
=
PP
IOUT(MAX)
()
2
1+ p
(
)
where PP is the allowable power dissipation and δp is the
temperature dependency of RDS(ON). (1 + δp) is generally
given for a MOSFET in the form of a normalized RDS(ON)
vs temperature curve, but δp = 0.005/°C can be used as
an approximation for low voltage MOSFETs.
In applications where the maximum duty cycle is less
than 100% and the LTC1772B is in continuous mode, the
RDS(ON) is governed by:
RDS(ON)
PP
DC
()IOUT
2 1+ p
(
)
where DC is the maximum operating duty cycle of the
LTC1772B.
Output Diode Selection
The catch diode carries load current during the off-time.
The average diode current is therefore dependent on the
P-channel switch duty cycle. At high input voltages the
diode conducts most of the time. As VIN approaches VOUT
the diode conducts only a small fraction of the time. The
most stressful condition for the diode is when the output
is short-circuited. Under this condition the diode must
safely handle IPEAK at close to 100% duty cycle. Therefore,
it is important to adequately specify the diode peak cur-
rent and average power dissipation so as not to exceed
the diode ratings.
Under normal load conditions, the average current con-
ducted by the diode is:
ID =
VIN VOUT
VIN+ VD
IOUT
The allowable forward voltage drop in the diode is calculated
from the maximum short-circuit current as:
V
P
I
F
D
SC MAX
()
where PD is the allowable power dissipation and will be
determined by efficiency and/or thermal requirements.
A fast switching diode must also be used to optimize
efficiency. Schottky diodes are a good choice for low
forward drop and fast switching times. Remember to
keep lead length short and observe proper grounding (see
Board Layout Checklist) to avoid ringing and increased
dissipation.
CIN and COUT Selection
In continuous mode, the source current of the P-chan-
nel MOSFET is a square wave of duty cycle (VOUT + VD)/
(VIN + VD). To prevent large voltage transients, a low
ESR input capacitor sized for the maximum RMS current
must be used. The maximum RMS capacitor current is
given by:
CI
VV
V
V
IN
MAX
OUT
IN
OUT
IN
Required IRMS
()
[]
12
/
This formula has a maximum value at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is com-
monly used for design because even significant deviations
do not offer much relief. Note that capacitor manufacturer’s
ripple current ratings are often based on 2000 hours of life.
This makes it advisable to further derate the capacitor, or
to choose a capacitor rated at a higher temperature than
required. Several capacitors may be paralleled to meet the


Similar Part No. - LTC1772B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1772B LINER-LTC1772B Datasheet
196Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B Datasheet
228Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772BES6 LINER-LTC1772BES6 Datasheet
196Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772BES6 LINER-LTC1772BES6 Datasheet
228Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772BES6-PBF LINER-LTC1772BES6-PBF Datasheet
228Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
More results

Similar Description - LTC1772B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1772 LINER-LTC1772_1 Datasheet
167Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B_1 Datasheet
228Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B Datasheet
196Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772 LINER-LTC1772 Datasheet
188Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772 LINER-LTC1772_15 Datasheet
179Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872 Datasheet
182Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872_15 Datasheet
193Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
logo
Analog Devices
ADP1864 AD-ADP1864 Datasheet
264Kb / 16P
   Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
REV. 0
logo
Linear Technology
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1874 LINER-LTC1874 Datasheet
180Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com