Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UPD703039 Datasheet(PDF) 1 Page - NEC

Part No. UPD703039
Description  V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

   
 1 page
background image
MOS INTEGRATED CIRCUIT
µµµµPD703039, 703039Y, 703040, 703040Y, 703041, 703041Y
V850/SV1
TM
32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
PRELIMINARY DATA SHEET
Document No. U13953EJ1V0DS00 (1st edition)
Date Published March 2000 N CP(K)
Printed in Japan
The information contained in this document is being issued in advance of the production cycle for the
device. The parameters for the device may change before final production or NEC Corporation, at its own
discretion, may withdraw the device prior to its production.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
DESCRIPTION
The
µPD703039, 703039Y, 703040, 703040Y, 703041, and 703041Y (collectively known as the V850/SV1) are
products in the low-power series of V850 Family
TM products, which are NEC’s single-chip microcontrollers for real-
time control.
The V850/SV1 employs the CPU core of the V850 Family, and has on-chip peripheral functions such as large
capacity ROM/RAM, a multi-function timer/counter, serial interface, A/D converter, DMA controller, PWM, and a
Vsync/Hsync separation circuit.
The V850/SV1 not only realizes the low power consumption necessary for applications such as camcorders, but
also extremely high cost performance.
Detailed function descriptions are provided in the following user’s manuals. Be sure to read them before
designing.
V850/SV1 User’s Manual Hardware
: U14462E
V850 Family User’s Manual Architecture : U10243E
FEATURES
{ Number of instructions: 74
{ Minimum instruction execution time:
62.5 ns (@ 16 MHz operation with main system clock)
30.5
µs (@ 32.768 kHz operation with subsystem clock)
{ General-purpose registers: 32 bits × 32 registers
{ Instruction set (signed multiplication, saturation
operations, 32-bit shift instructions, bit manipulation
instructions, load/store instructions)
{ Memory space:
16 MB linear address space
Memory block allocation function: 2 MB per block
{ External bus: 16-bit multiplexed bus
{ Internal memory:
µPD703039, 703039Y
(ROM: 256 KB, RAM: 8 KB)
µPD703040, 703040Y
(ROM: 256 KB, RAM: 16 KB)
µPD703041, 703041Y
(ROM: 192 KB, RAM: 8 KB)
{ I/O lines Total: 151
{ 10-bit resolution A/D converter: 16 channels
{ Timer/counter
24-bit: 2 channels, 16-bit: 2 channels
8-bit: 8 channels
{ Watch timer: 1 channel
{ Watchdog timer: 1 channel
{ DMA controller: 6 channels
{ Interrupts and exceptions
Non-maskable interrupt: 2 sources
Maskable interrupt
:
µPD703039, 703040, 703041 (51 sources)
:
µPD703039Y, 703040Y, 703041Y (52 sources)
Software exception: 32 sources
Exception trap: 1 source
{ Serial interface (SIO)
Asynchronous serial interface (UART)
Clocked serial interface (CSI)
3-wire variable length serial interface (CSI4)
I
2C bus interface (I2C) (
µPD703039Y, 703040Y,
703041Y)
{ RTP: 8 bits × 2 channels or 4 bits × 4 channels
The mark
shows major revised points.
©
2000




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD703100-33V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
UPD7801388-Bit Single-Chip Microcontrollers 1 2 3 4 5 MoreNEC
UPD703103A32-Bit Single-Chip Microcontrollers 1 2 3 4 5 MoreNEC
COP8720CSINGLE-CHIP MICROCMOS MICROCONTROLLERS 1 2 3 4 5 MoreNational Semiconductor (TI)
UPD703100A-33V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
LC662104AFour-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 1 2 3 4 5 MoreSanyo Semicon Device
C167CR-16RM16-Bit CMOS Single-Chip Microcontrollers 1 2 3 4 5 MoreSiemens Semiconductor Group
8XC51FXCHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS 1 2 3 4 5 MoreIntel Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl