Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UPD703039 Datasheet(PDF) 4 Page - NEC

Part No. UPD703039
Description  V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

   
 4 page
background image
Preliminary Data Sheet U13953EJ1V0DS00
4
µµµµPD703039, 703039Y, 703040, 703040Y, 703041, 703041Y
PIN IDENTIFICATION
A16 to A21:
Address Bus
AD0 to AD15:
Address/Data Bus
ADTRG:
AD Trigger Input
ANI0 to ANI15:
Analog Input
ASCK0, ASCK1:
Asynchronous Serial Clock
ASTB:
Address Strobe
AVDD:
Analog Power Supply
AVREF:
Analog Reference Voltage
AVSS:
Analog Ground
BVDD:
Bus Interface Power Supply
BVSS:
Bus Interface Ground
CLKOUT:
Clock Output
CLO:
Clock Output (divided)
CSYNCIN:
Csync Input
DSTB:
Data Strobe
HLDAK:
Hold Acknowledge
HLDRQ:
Hold Request
HSOUT0, HSOUT1: Hsync Output
IC:
Internally Connected
INTCP80 to INTPC83,: Interrupt Request from Peripherals
INTCP90 to INTCP93,
INTP0 to INTP6,
INTTCLR8,
INTTI8, INTTI9
KR0 to KR7:
Key Return
LBEN:
Lower Byte Enable
NMI:
Non-Maskable Interrupt Request
P00 to P07:
Port 0
P10 to P15:
Port 1
P20 to P27:
Port 2
P30 to P37:
Port 3
P40 to P47:
Port 4
P50 to P57:
Port 5
P60 to P65:
Port 6
P70 to P77:
Port 7
P80 to P87:
Port 8
P90 to P96:
Port 9
P100 to P107:
Port 10
P110 to P113:
Port 11
P120 to P127:
Port 12
P130 to P137:
Port 13
P140 to P147:
Port 14
P150 to P157:
Port 15
P160 to P167:
Port 16
P170 to P177:
Port 17
P180 to P187:
Port 18
P190 to P197:
Port 19
PWM0 to PWM3:
Pulse Width Modulation
RD:
Read
RESET:
Reset
RTP00 to RTP07,:
Real-time Output Port
RTP10 to RTP17
RTPTRG0, RTPTRG1: RTP Trigger Input
R/W:
Read/Write Status
RXD0, RXD1:
Receive Data
SCK0 to SCK4:
Serial Clock
SCL0, SCL1:
Serial Clock
SDA0, SDA1:
Serial Data
SI0 to SI4:
Serial Input
SO0 to SO4:
Serial Output
TCLR8:
Timer Clear
TI000, TI001, TI010,: Timer Input
TI011, TI2 to TI11
TO0 to TO7, TO80,:
Timer Output
TO81, TO10, TO11
TXD0,TXD1:
Transmit Data
UBEN:
Upper Byte Enable
VDD:
Power Supply
VSOUT:
Vsync Output
VSS:
Ground
WAIT:
Wait
WRH:
Write Strobe High Level Data
WRL:
Write Strobe Low Level Data
X1, X2:
Crystal for Main System Clock
XT1, XT2:
Crystal for Subsystem Clock




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD703100-33V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
UPD7801388-Bit Single-Chip Microcontrollers 1 2 3 4 5 MoreNEC
UPD703103A32-Bit Single-Chip Microcontrollers 1 2 3 4 5 MoreNEC
COP8720CSINGLE-CHIP MICROCMOS MICROCONTROLLERS 1 2 3 4 5 MoreNational Semiconductor (TI)
UPD703100A-33V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
LC662104AFour-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 1 2 3 4 5 MoreSanyo Semicon Device
C167CR-16RM16-Bit CMOS Single-Chip Microcontrollers 1 2 3 4 5 MoreSiemens Semiconductor Group
8XC51FXCHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS 1 2 3 4 5 MoreIntel Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl