Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1164 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1164
Description  Low Power, Low Noise, Quad Universal Filter Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164 Datasheet(HTML) 1 Page - Linear Technology

  LTC1164_15 Datasheet HTML 1Page - Linear Technology LTC1164_15 Datasheet HTML 2Page - Linear Technology LTC1164_15 Datasheet HTML 3Page - Linear Technology LTC1164_15 Datasheet HTML 4Page - Linear Technology LTC1164_15 Datasheet HTML 5Page - Linear Technology LTC1164_15 Datasheet HTML 6Page - Linear Technology LTC1164_15 Datasheet HTML 7Page - Linear Technology LTC1164_15 Datasheet HTML 8Page - Linear Technology LTC1164_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1164
1
1164fa
Low Power
4 Filters in a 0.3" Wide Package
1/2 the Noise of the LTC1059, 60, 61 Devices
Wide Output Swing
Clock-to-Center Frequency Ratios of 50:1 and 100:1
Operates from ±2.37V to ±8V Power Supplies
Customized Version with Internal Resistors Available
Ratio of 50:1 and 100:1 Simultaneously Available
The LTC
®1164 consists of four low power, low noise
2nd order switched capacitor filter building blocks. Each
building block typically consumes 850µA supply current.
Low power is achieved without sacrificing noise and
distortion. Each building block, together with 3 to 5
resistors, can provide 2nd order functions like lowpass,
highpass, bandpass, and notch. The center frequency of
each 2nd order section can be tuned with an external clock,
or a clock and resistor ratio. For Q < 5, the center frequency
range is from 0.1Hz to 20kHz. Up to 8th order filters can
be realized by cascading all four 2nd order sections. Any
classical filter realization (such as Butterworth, Cauer,
Bessel, and Chebyshev) can be formed.
A customized monolithic version of the LTC1164
including internal thin film resistors can be obtained.
Consult LTC Marketing for details.
The LTC1164 is manufactured using Linear Technology’s
enhanced LTCMOSsilicon gate process.
Low Power, Low Noise, Quad
Universal Filter Building Block
Antialiasing Filters
Telecom Filters
Spectral Analysis
Loop Filters
For Fixed Lowpass Filter Requirements use the
LTC1164-XX Series
Dual 5th Order Linear Phase Filter with Stopband Notch
Dual 5th Order Linear Phase Filter with
Stopband Notch, fCLK = 500kHz
FREQUENCY (Hz)
1k
10k
100k
LTC1164 • TA02
VOUT2
VOUT1
–90.00
–70.00
–40.00
10.00
–10.00
–80.00
–60.00
–50.00
–30.00
0.0
–20.00
SUPPLY
TOTAL
VOLTAGE
VIN
HARMONIC DISTORTION
SIGNAL/NOISE
±2.5
1VRMS
0.015% (– 76dB)
86dB
±5.0
2VRMS
0.025% (– 72dB)
92dB
±7.5
4VRMS
0.04% (– 68dB)
98dB
LTC1164 • TA01
0.1µF
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
549k
63.4k
49.9k
78.7k
8.66k
C1
C2
36.5k
36.5k
49.9k
63.4k
549k
78.7k
8.66k
133k
102k
VIN1
VIN2
VOUT1
VOUT2
fCLK
174k
102k
174k
133k
210k
C1 = 0.0033µF
C2 = 0.0068µF
fCLK = 500kHz
WIDEBAND NOISE = 50µVRMS
TOTAL SUPPLY CURRENT = 3mA
ALL RESISTORS ARE 1% METAL FILM
210k
V+
V
0.1µF
LTC1164
FEATURES
DESCRIPTIO
APPLICATIO S
LTCMOS trademark of Linear Technology Corporation.
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATIO


Similar Part No. - LTC1164_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
230Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5C LINER-LTC1164-5C Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5CJ LINER-LTC1164-5CJ Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
More results

Similar Description - LTC1164_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164 LINER-LTC1164_02 Datasheet
204Kb / 16P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164 Datasheet
1Mb / 15P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064 Datasheet
389Kb / 16P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_15 Datasheet
275Kb / 20P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_09 Datasheet
270Kb / 20P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_15 Datasheet
240Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1067-50 LINER-LTC1067-50_15 Datasheet
299Kb / 20P
   Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1067 LINER-LTC1067 Datasheet
477Kb / 20P
   Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com