Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD703034AY Datasheet(PDF) 11 Page - NEC

Part # UPD703034AY
Description  V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703034AY Datasheet(HTML) 11 Page - NEC

Back Button UPD703034AY Datasheet HTML 7Page - NEC UPD703034AY Datasheet HTML 8Page - NEC UPD703034AY Datasheet HTML 9Page - NEC UPD703034AY Datasheet HTML 10Page - NEC UPD703034AY Datasheet HTML 11Page - NEC UPD703034AY Datasheet HTML 12Page - NEC UPD703034AY Datasheet HTML 13Page - NEC UPD703034AY Datasheet HTML 14Page - NEC UPD703034AY Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Data Sheet U14780EJ1V0DS00
11
µµµµPD703034A, 703034AY, 703035A, 703035AY, 70F3035A, 70F3035AY
2.2 Non-Port Pins
(1/4)
Pin Name
I/O
PULL
Function
Alternate Function
A1
P110/WAIT
A2
P111
A3
P112
A4
P113
A5
P100/RTP0/KR0
A6
P101/RTP1/KR1
A7
P102/RTP2/KR2
A8
P103/RTP3/KR3
A9
P104/RTP4/KR4/IERX
A10
P105/RTP5/KR5/IETX
A11
P106/RTP6/KR6
A12
P107/RTP7/KR7
A13
P34/TO0/SCK4
A14
P35/TO1
A15
Output
Yes
Low-order address bus used for external memory expansion
P36/TO4/TI4
A16 to A21
Output
No
High-order address bus used for external memory expansion
P60 to P65
AD0 to AD7
P40 to P47
AD8 to AD15
I/O
No
16-bit multiplexed address/data bus used for external memory
expansion
P50 to P57
ADTRG
Input
Yes
A/D converter external trigger input
P05/INTP4
ANI0 to ANI7
P70 to P77
ANI8 to ANI11
Input
No
Analog input to A/D converter
P80 to P83
ASCK0
Baud rate clock input for UART0
P15/SCK1
ASCK1
Input
Yes
Baud rate clock input for UART1
P25/SCK3
ASTB
Output
No
External address strobe output
P94
AVDD
−−
Positive power supply for A/D converter and alternate port
AVREF
Input
Reference voltage input for A/D converter
AVSS
−−
Ground potential for A/D converter and alternate port
BVDD
−−
Positive power supply for bus interface and alternate port
BVSS
−−
Ground potential for bus interface and alternate port
CLKOUT
Output
Internal system clock output
DSTB
Output
No
External data strobe output
P93/RD
EVDD
−−
Positive power supply for I/O ports and alternate-function pins
(except bus interface alternate port)
EVSS
−−
Ground potential for I/O ports and alternate-function pins
(except bus interface alternate port)
HLDAK
Output
No
Bus hold acknowledge output
P95
HLDRQ
Input
No
Bus hold request input
P96
IC
−−
Internally connected
(
µPD703034A, 703034AY, 703035A, 703035AY only)
Remark
PULL: On-chip pull-up resistor


Similar Part No. - UPD703034AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703034AY RENESAS-UPD703034AY Datasheet
610Kb / 54P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD703034AY

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3017A NEC-UPD70F3017A Datasheet
337Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703014A NEC-UPD703014A Datasheet
309Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com