Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD703015AY Datasheet(PDF) 6 Page - NEC

Part # UPD703015AY
Description  V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703015AY Datasheet(HTML) 6 Page - NEC

  UPD703015AY Datasheet HTML 1Page - NEC UPD703015AY Datasheet HTML 2Page - NEC UPD703015AY Datasheet HTML 3Page - NEC UPD703015AY Datasheet HTML 4Page - NEC UPD703015AY Datasheet HTML 5Page - NEC UPD703015AY Datasheet HTML 6Page - NEC UPD703015AY Datasheet HTML 7Page - NEC UPD703015AY Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet U14526EJ2V0DS00
6
µµµµPD703014A, 703014AY, 703015A, 703015AY, 703017A, 703017AY
INTERNAL BLOCK DIAGRAM
Notes 1.
µPD703014A, 703014AY: 64 KB
µPD703015A, 703015AY: 128 KB
µPD703017A, 703017AY: 256 KB
2.
µPD703014A, 703014AY, 703015A, 703015AY: 4 KB
µPD703017A, 703017AY: 8 KB
3. Applies to the
µPD703014AY, 703015AY, and 703017AY only.
NMI
TI00, TI01,
TI10, TI11
TO0, TO1
SIO
TI2/TO2
TI3/TO3
TI4/TO4
TI5/TO5
SO0
SI0/SDANote 3
SCK0/SCLNote 3
INTP0 to INTP6
INTC
CSI0/I2CNote 3
SO1/TXD0
SI1/RXD0
SCK1/ASCK0
CSI1/UART0
SO2
SI2
SCK2
CSI2
TXD1
RXD1
ASCK1
Note 1
PC
ALU
CPU
Mask
ROM
Note 2
RAM
HLDRQ (P96)
HLDAK (P95)
ASTB (P94)
DSTB/RD (P93)
R/W/WRH (P92)
UBEN (P91)
LBEN/WRL (P90)
WAIT
A1 to A12
A13 to A15 (P34 to P36)
A16 to A21 (P60 to P65)
AD0 to AD15
CG
(P40 to P47, P50 to P57)
(P100 to P107, P110 to P113)
CLKOUT
X1
X2
XT1 (P114)
XT2
RESET
VDD
VSS
BVDD
BVSS
IC
BCU
Timer/counters
16-bit timer:
TM0, TM1
8-bit timer:
TM2 to TM5
DMAC: 3 ch
Watch timer
Watchdog
timer
RTP
A/D
converter
UART1
32-bit
barrel shifter
System
registers
Multiplier
16 x 16
32
General registers
32 bits x 32
Instruction
queue
Port


Similar Part No. - UPD703015AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703000 RENESAS-UPD703000 Datasheet
627Kb / 90P
   MOS INTEGRATED CIRCUIT
1996
UPD703000GC-25-XXX-7EA RENESAS-UPD703000GC-25-XXX-7EA Datasheet
627Kb / 90P
   MOS INTEGRATED CIRCUIT
1996
UPD703000GC-33-XXX-7EA RENESAS-UPD703000GC-33-XXX-7EA Datasheet
627Kb / 90P
   MOS INTEGRATED CIRCUIT
1996
UPD703001GC-25-7EA RENESAS-UPD703001GC-25-7EA Datasheet
627Kb / 90P
   MOS INTEGRATED CIRCUIT
1996
UPD703001GC-33-7EA RENESAS-UPD703001GC-33-7EA Datasheet
627Kb / 90P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD703015AY

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3017A NEC-UPD70F3017A Datasheet
337Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Infineon Technologies A...
XC2269I INFINEON-XC2269I Datasheet
1Mb / 134P
   16/32-Bit Single-Chip Microcontroller
V1.3, 2014-07
XC2288I INFINEON-XC2288I Datasheet
1Mb / 145P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2200 INFINEON-XC2200 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
XC2361B INFINEON-XC2361B_14 Datasheet
733Kb / 128P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com