Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1130A Datasheet(PDF) 2 Page - Linear Technology

Part # LT1130A
Description  Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1130A Datasheet(HTML) 2 Page - Linear Technology

  LT1130A Datasheet HTML 1Page - Linear Technology LT1130A Datasheet HTML 2Page - Linear Technology LT1130A Datasheet HTML 3Page - Linear Technology LT1130A Datasheet HTML 4Page - Linear Technology LT1130A Datasheet HTML 5Page - Linear Technology LT1130A Datasheet HTML 6Page - Linear Technology LT1130A Datasheet HTML 7Page - Linear Technology LT1130A Datasheet HTML 8Page - Linear Technology LT1130A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1130A/LT1140A Series
A
G
A
U
A
R
BSOLUTEXI
TI
S (Note 1)
Supply Voltage (VCC) ................................................ 6V
V+ ........................................................................ 13.2V
V(Note 7) ....................................................... –13.2V
Input Voltage
Driver ........................................................... Vto V +
Receiver ............................................... – 30V to 30V
On/Off Pin ............................................. – 0.3V to 12V
Driver Disable Pin ................... – 0.3V to (VCC + 0.3V)
Output Voltage
Driver .................................................... – 30V to 30V
Receiver ................................. – 0.3V to (VCC + 0.3V)
Short-Circuit Duration
V+ ................................................................... 30 sec
V................................................................... 30 sec
Driver Output .............................................. Indefinite
Receiver Output .......................................... Indefinite
Operating Temperature Range
LT113XAC/LT114XAC ............................ 0
°C to 70°C
LT113XAI/LT114XAI ............................. – 40
° to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
ORDER PART
NUMBER
PRODUCT SELECTIO TABLE
Part Number
Power Supply Voltages*
Shutdown
Driver Disable
Drivers
Receivers
External Components
LT1130A
5
No
No
5
5
4 Capacitors
LT1131A
5
Yes
Yes
5
4
4 Capacitors
LT1132A
5
No
No
5
3
4 Capacitors
LT1133A**
5
No
No
3
5
4 Capacitors
LT1134A
5
No
No
4
4
4 Capacitors
LT1135A
5, 12, –12
No
No
5
3
None
LT1136A
5
Yes
Yes
4
5
4 Capacitors
LT1137A**
5
Yes
Yes
3
5
4 Capacitors
LT1138A
5
Yes
Yes
5
3
4 Capacitors
LT1139A
5, 12
Yes
No
4
4
2 Capacitors
LT1140A
5, 12, –12
Yes
Yes
5
3
None
LT1141A**
5, 12, –12
Yes
Yes
3
5
None
*The LT1130A, LT1131A, LT1132A, LT1134A, LT1136A, LT1137A and LT1138A can operate with 5V and 12V supplies and two external capacitors.
**Meets
±15kV ESD air gap discharge and ±8kV contact methods per IEC-1000-4-2.
PACKAGE/ORDER I FOR ATIO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V+
5V VCC
C1+
C1
DRIVER OUT
RX IN
DRIVER OUT
RX IN
DRIVER OUT
RX IN
DRIVER OUT
RX IN
DRIVER OUT
RX IN
V
C2
C2+
DRIVER IN
RX OUT
DRIVER IN
RX OUT
DRIVER IN
RX OUT
DRIVER IN
RX OUT
DRIVER IN
RX OUT
GND
SW PACKAGE
28-LEAD PLASTIC SO WIDE
NW PACKAGE
28-LEAD PDIP
LT1130A
5-DRIVER/5-RECEIVER
LT1130ACNW
LT1130ACSW
LT1130AISW
TJMAX = 150°C, θJA = 56°C/W (NW)
TJMAX = 150°C, θJA = 68°C/W (SW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V
C2
C2+
DRIVER IN
RX OUT
DRIVER IN
RX OUT
DRIVER IN
RX OUT
DRIVER IN
RX OUT
DRIVER IN
GND
DRIVER DISABLE
SW PACKAGE
28-LEAD PLASTIC SO WIDE
NW PACKAGE
28-LEAD PDIP
LT1131A
V+
5V VCC
C1+
C1
DRIVER OUT
RX IN
DRIVER OUT
RX IN
DRIVER OUT
RX IN
DRIVER OUT
RX IN
DRIVER OUT
ON/OFF
TJMAX = 150°C, θJA = 56°C/W (NW)
TJMAX = 150°C, θJA = 68°C/W (SW)
5-DRIVER/4-RECEIVER WITH SHUTDOWN
LT1131ACNW
LT1131ACSW


Similar Part No. - LT1130A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1130A LINER-LT1130A Datasheet
199Kb / 12P
   Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
LT1130ACNW LINER-LT1130ACNW Datasheet
199Kb / 12P
   Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
LT1130ACSW LINER-LT1130ACSW Datasheet
199Kb / 12P
   Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
LT1130AISW LINER-LT1130AISW Datasheet
199Kb / 12P
   Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
More results

Similar Description - LT1130A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1130A LINER-LT1130A Datasheet
199Kb / 12P
   Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
LT1140A LINER-LT1140A_15 Datasheet
210Kb / 12P
   Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
LT1537 LINER-LT1537 Datasheet
250Kb / 8P
   Advanced Low Power 5V RS232 Transceiver with Small Capacitors
LT1537 LINER-LT1537_15 Datasheet
230Kb / 8P
   Advanced Low Power 5V RS232 Transceiver with Small Capacitors
LTC1384 LINER-LTC1384 Datasheet
217Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384IG LINER-LTC1384IG Datasheet
115Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_1 Datasheet
120Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_15 Datasheet
126Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1080 LINER-LT1080 Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com