Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1076 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1076
Description  Step-Down Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1076 Datasheet(HTML) 2 Page - Linear Technology

  LT1076_15 Datasheet HTML 1Page - Linear Technology LT1076_15 Datasheet HTML 2Page - Linear Technology LT1076_15 Datasheet HTML 3Page - Linear Technology LT1076_15 Datasheet HTML 4Page - Linear Technology LT1076_15 Datasheet HTML 5Page - Linear Technology LT1076_15 Datasheet HTML 6Page - Linear Technology LT1076_15 Datasheet HTML 7Page - Linear Technology LT1076_15 Datasheet HTML 8Page - Linear Technology LT1076_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1074/LT1076
2
sn1074 1074fds
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
*Assumes package is soldered to 0.5 IN2 of 1 oz. copper over internal ground plane or over back side plane.
LT1076CQ
LT1076IQ
LT1076CR
LT1076IR
LT1076HVCR
LT1076HVIR
LT1074CT7
LT1074HVCT7
LT1074IT7
LT1074HVIT7
LT1076CT7
LT1076HVCT7
LT1074CT
LT1074HVCT
LT1074IT
LT1074HVIT
LT1076CT
LT1076HVCT
LT1076IT
LT1076HVIT
LT1074CK
LT1074HVCK
LT1074MK
LT1074HVMK
LT1076CK
LT1076HVCK
LT1076MK
LT1076HVMK
Input Voltage
LT1074/ LT1076 .................................................. 45V
LT1074HV/LT1076HV ......................................... 64V
Switch Voltage with Respect to Input Voltage
LT1074/ LT1076 .................................................. 64V
LT1074HV/LT1076HV ......................................... 75V
Switch Voltage with Respect to Ground Pin (VSWNegative)
LT1074/LT1076 (Note 7) ..................................... 35V
LT1074HV/LT1076HV (Note 7) ........................... 45V
Feedback Pin Voltage ..................................... –2V, +10V
Shutdown Pin Voltage (Not to Exceed VIN) .............. 40V
ILIM Pin Voltage (Forced) ............................................ 5.5V
Maximum Operating Ambient Temperature Range
Commercial ................................................. 0
°C to 70°C
Industrial ................................................ –40
°C to 85°C
Military (OBSOLETE) ..................... –55
°C to 125°C
Maximum Operating Junction Temperature Range
Commercial ............................................... 0
°C to 125°C
Industrial .............................................. –40
°C to 125°C
Military (OBSOLETE) .................... –55
°C to 150°C
Maximum Storage Temperature ............... –65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ...................... 300
°C
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1076:
θJC = 4°C, θJA = 30°C/W
LT1076:
θJC = 4°C, θJA = 30°C/W
LT1074:
θJC = 2.5°C, θJA = 50°C/W
LT1076:
θJC = 4°C, θJA = 50°C/W
LT1074:
θJC = 2.5°C, θJA = 35°C/W
LT1076:
θJC = 4°C, θJA = 35°C/W
LT1074:
θJC = 2.5°C, θJA = 50°C/W
LT1076:
θJC = 4°C, θJA = 50°C/W
Q PACKAGE
5-LEAD PLASTIC DD
FRONT VIEW
VIN
VSW
GND
VC
FB/SENSE
5
4
3
2
1
R PACKAGE
7-LEAD PLASTIC DD
FRONT VIEW
SHDN
VC
FB/SENSE
GND
ILIM
VSW
VIN
7
6
5
4
3
2
1
2
4
1
3
VC
VIN
VSW
CASE
IS GND
FB
K PACKAGE
4-LEAD TO-3 METAL CAN
BOTTOM VIEW
T PACKAGE
5-LEAD PLASTIC TO-220
LEADS ARE FORMED STANDARD FOR
STRAIGHT LEADS, ORDER FLOW 06
VIN
VSW
GND
VC
FB
FRONT VIEW
5
4
3
2
1
T7 PACKAGE
7-LEAD PLASTIC TO-220
SHDN
VC
FB
GND
ILIM
VSW
VIN
FRONT VIEW
7
6
5
4
3
2
1
TAB IS
GND
TAB IS
GND
TAB IS
GND
TAB IS
GND
Consult LTC Marketing for parts specified with wider operating temperature ranges.
OBSOLETE PACKAGE
Consider the T5 Package for Alternate Source


Similar Part No. - LT1076_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1076-5 LINER-LT1076-5 Datasheet
170Kb / 4P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5 Datasheet
112Kb / 8P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5 Datasheet
118Kb / 8P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5_1 Datasheet
112Kb / 8P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5_15 Datasheet
118Kb / 8P
   5V Step-Down Switching Regulator
More results

Similar Description - LT1076_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com