Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-M07C881 Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-M07C881
Description  20.20mm (0.8) :u1.9 dot matrix LED display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-M07C881 Datasheet(HTML) 1 Page - BetLux Electronics

  BL-M07C881 Datasheet HTML 1Page - BetLux Electronics BL-M07C881 Datasheet HTML 2Page - BetLux Electronics BL-M07C881 Datasheet HTML 3Page - BetLux Electronics BL-M07C881 Datasheet HTML 4Page - BetLux Electronics BL-M07C881 Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LED DOT MATRIX
BL-M07X881
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
20.20mm (0.8”) ¦µ1.9 dot matrix LED display.
Ø
Low current operation.
Ø
Excellent character appearance.
Ø
Easy mounting on P.C. Boards or sockets.
Ø
I.C. Compatible.
Ø
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25 C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Row
Cathode
Column Anode
Row Anode
Column Cathode
Emitted
Color
Material
P
(nm)
Typ
Max
Iv
TYP.(mcd)
BL-M07C881S-XX
BL-M07D881S-XX
Hi Red
GaAl As/GaAs,SH
660
1.85
2.20
200
BL-M07C881D-XX
BL-M07D881D-XX
Super
Red
GaAl As/GaAs,DH
660
1.85
2.20
320
BL-M07C881UR-XX
BL-M07D881UR-XX
Ultra
Red
GaAl As/GaAs,DDH
660
1.85
2.20
400
BL-M07C881E-XX
BL-M07D881E-XX
Orange
GaAsP/GaP
635
2.10
2.50
190
BL-M07C881Y-XX
BL-M07D881Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
190
BL-M07C881G-XX
BL-M07D881G-XX
Green
GaP/GaP
570
2.20
2.50
195
Ultra Bright
Electrical-optical characteristics: (Ta=25 C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Row Cathode
Column Anode
Row Anode
Column Cathode
Emitted Color
Material
P
(nm)
Typ
Max
Iv
TYP.(mcd)
BL-M07C881UHR-XX
BL-M07D881UHR-XX
Ultra Red
AlGaInP
645
2.10
2.50
400
BL-M07C881UE-XX
BL-M07D881UE-XX
Ultra Orange
AlGaInP
630
2.10
2.50
235
BL-M07C881YO-XX
BL-M07D881YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
235
BL-M07C881UY-XX
BL-M07D881UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
235
BL-M07C881UG-XX
BL-M07D881UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
250
BL-M07C881PG-XX
BL-M07D881PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
270
BL-M07C881B-XX
BL-M07D881B-XX
Ultra Blue
InGaN
470
2.70
4.20
180
BL-M07C881W-XX
BL-M07D881W-XX
Ultra White
InGaN
/
2.70
4.20
280
·-XX: Surface / Lens color
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - BL-M07C881

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M07C881B BETLUX-BL-M07C881B Datasheet
159Kb / 4P
   LED DOT MATRIX
BL-M07C881D BETLUX-BL-M07C881D Datasheet
159Kb / 4P
   LED DOT MATRIX
BL-M07C881E BETLUX-BL-M07C881E Datasheet
159Kb / 4P
   LED DOT MATRIX
BL-M07C881G BETLUX-BL-M07C881G Datasheet
159Kb / 4P
   LED DOT MATRIX
BL-M07C881PG BETLUX-BL-M07C881PG Datasheet
159Kb / 4P
   LED DOT MATRIX
More results

Similar Description - BL-M07C881

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M07A881 BETLUX-BL-M07A881 Datasheet
367Kb / 5P
   20.20mm (0.7) :u1.9 dot matrix LED display
logo
BRIGHT LED ELECTRONICS ...
BM-08288MD BRIGHT-BM-08288MD Datasheet
314Kb / 3P
   20.20mm(0.8) matrix height 8횞8 dot matrix display
logo
Ningbo Foryard Optoelec...
FYM-7881AW-X5 FORYARD-FYM-7881AW-X5 Datasheet
508Kb / 5P
   0.70 inch (20.20mm) Matrix height, Dot Matrix Display
logo
BRIGHT LED ELECTRONICS ...
BM-08658MD BRIGHT-BM-08658MD Datasheet
354Kb / 3P
   20.3mm (0.8) matrix height 5횞8 dot matrix display
logo
Yellow Stone Corp
BM-10288 YSTONE-BM-10288 Datasheet
188Kb / 1P
   LED DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
BM-20288MD ETC-BM-20288MD Datasheet
198Kb / 1P
   LED DOT MATRIX DISPLAY
BM-20EG57MD ETC-BM-20EG57MD Datasheet
169Kb / 1P
   LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-20EG88ND BRIGHT-BM-20EG88ND Datasheet
182Kb / 3P
   LED DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
BM-40258 ETC-BM-40258 Datasheet
182Kb / 1P
   LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-22EG58ND BRIGHT-BM-22EG58ND Datasheet
92Kb / 1P
   LED DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com