Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSI1013XT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LSI1013XT1G
Description  P-Channel 1.8-V (G-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LSI1013XT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LSI1013XT1G_15 Datasheet HTML 1Page - Leshan Radio Company LSI1013XT1G_15 Datasheet HTML 2Page - Leshan Radio Company LSI1013XT1G_15 Datasheet HTML 3Page - Leshan Radio Company LSI1013XT1G_15 Datasheet HTML 4Page - Leshan Radio Company LSI1013XT1G_15 Datasheet HTML 5Page - Leshan Radio Company LSI1013XT1G_15 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
S-LSI1013XT1G
SC-89
10000/Tape&Reel
ORDERING INFORMATION
Device
Shipping
3000/Tape&Reel
LSI1013XT1G
LSI1013XT3G
Marking
MARKING DIAGRAM
B = Specific Device Code
M = Month Code
B
1
3
2
(Top View)
Drain
Gate
3
1
2
Source
B
B
FEATURES
D TrenchFETr Power MOSFET: 1.8-V Rated
D Gate-Source ESD Protected: 2000 V
D High-Side Switching
D Low On-Resistance: 1.2 W
D Low Threshold: 0.8 V (typ)
D Fast Switching Speed: 14 ns
BENEFITS
D Ease in Driving Switches
D Low Offset (Error) Voltage
D Low-Voltage Operation
D High-Speed Circuits
D Low Battery Voltage Operation
APPLICATIONS
D Drivers: Relays, Solenoids, Lamps, Hammers,
Displays, Memories
D Battery Operated Systems
D Power Supply Converter Circuits
D Load/Power Switching Cell Phones, Pagers
P-Channel 1.8-V (G-S) MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
"6
V
Continuous Drain Current (TJ = 150_C)b
TA = 25_C
ID
-400
-350
Continuous Drain Current (TJ = 150_C)b
TA = 85_C
ID
-300
-275
mA
Pulsed Drain Currenta
IDM
-1000
mA
Continuous Source Current (diode conduction)b
IS
-275
-250
Maximum Power Dissipationb for SC 75
TA = 25_C
175
150
Maximum Power Dissipationb for SC-75
TA = 85_C
PD
90
80
mW
Maximum Power Dissipationb for SC 89
TA = 25_C
PD
275
250
mW
Maximum Power Dissipationb for SC-89
TA = 85_C
160
140
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V
Notes
d.
Pulse width limited by maximum junction temperature.
e.
Surface Mounted on FR4 Board.
Rev .O 1/6
D S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
LSI1013XT1G
S-LSI1013XT1G
S-LSI1013XT3G


Similar Part No. - LSI1013XT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Shanghai Leiditech Elec...
LSI1013XT1G LEIDITECH-LSI1013XT1G Datasheet
990Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
More results

Similar Description - LSI1013XT1G_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com