Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-M07A571D-XX Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-M07A571D-XX
Description  17.80mm (0.7) : u1.8 dot matrix LED display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-M07A571D-XX Datasheet(HTML) 1 Page - BetLux Electronics

  BL-M07A571D-XX Datasheet HTML 1Page - BetLux Electronics BL-M07A571D-XX Datasheet HTML 2Page - BetLux Electronics BL-M07A571D-XX Datasheet HTML 3Page - BetLux Electronics BL-M07A571D-XX Datasheet HTML 4Page - BetLux Electronics BL-M07A571D-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LED DOT MATRIX
BL-M07A571
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
17.80mm (0.7”) ¦µ1.8 dot matrix LED display
Ø
Low current operation.
Ø
Excellent character appearance.
Ø
Easy mounting on P.C. Boards or sockets.
Ø
I.C. Compatible.
Ø
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25 C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Row
Cathode
Column Anode
Row Anode
Column Cathode
Emitted
Color
Material
P
(nm)
Typ
Max
Iv
TYP.(mcd)
BL-M07A571S-XX
BL-M07B571S-XX
Hi Red
GaAl As/GaAs,SH
660
1.85
2.20
100
BL-M07A571D-XX
BL-M07B571D-XX
Super
Red
GaAl As/GaAs,DH
660
1.85
2.20
110
BL-M07A571UR-XX
BL-M07B571UR-XX
Ultra
Red
GaAl As/GaAs,DDH
660
1.85
2.20
120
BL-M07A571E-XX
BL-M07B571E-XX
Orange
GaAsP/GaP
635
2.10
2.50
90
BL-M07A571Y-XX
BL-M07B571Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
90
BL-M07A571G-XX
BL-M07B571G-XX
Green
GaP/GaP
570
2.20
2.50
85
Ultra Bright
Electrical-optical characteristics: (Ta=25 C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Row Cathode
Column Anode
Row Anode
Column Cathode
Emitted Color
Material
P
(nm)
Typ
Max
Iv
TYP.(mcd)
BL-M07A571UHR-XX
BL-M07B571UHR-XX
Ultra Red
AlGaInP
645
2.10
2.50
120
BL-M07A571UE-XX
BL-M07B571UE-XX
Ultra Orange
AlGaInP
630
2.10
2.50
100
BL-M07A571YO-XX
BL-M07B571YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
100
BL-M07A571UY-XX
BL-M07B571UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
100
BL-M07A571UG-XX
BL-M07B571UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
130
BL-M07A571PG-XX
BL-M07B571PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
150
BL-M07A571B-XX
BL-M07B571B-XX
Ultra Blue
InGaN
470
2.70
4.20
70
BL-M07A571W-XX
BL-M07B571W-XX
Ultra White
InGaN
/
2.70
4.20
100
·-XX: Surface / Lens color
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - BL-M07A571D-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M07A571D BETLUX-BL-M07A571D Datasheet
79Kb / 4P
   LED DOT MATRIX
BL-M07A571DUG BETLUX-BL-M07A571DUG Datasheet
73Kb / 3P
   LED DOT MATRIX
More results

Similar Description - BL-M07A571D-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M07C571 BETLUX-BL-M07C571 Datasheet
342Kb / 5P
   17.80mm (0.7) :u1.8 dot matrix LED display
BL-M15AFF1 BETLUX-BL-M15AFF1 Datasheet
453Kb / 5P
   40.00mm (1.5) :u1.8 dot matrix LED display
logo
Ningbo Foryard Optoelec...
FYM-7571AX-00 FORYARD-FYM-7571AX-00 Datasheet
431Kb / 5P
   0.70 inch (17.80mm) Matrix height, Dot Matrix Display
FYM-7571A-BW-X5 FORYARD-FYM-7571A-BW-X5 Datasheet
431Kb / 5P
   0.70 inch (17.80mm) Matrix height, Dot Matrix Display
FYM-7571CX-00 FORYARD-FYM-7571CX-00 Datasheet
431Kb / 5P
   0.70 inch (17.80mm) Matrix height, Dot Matrix Display
logo
BetLux Electronics
BL-M07A881 BETLUX-BL-M07A881 Datasheet
367Kb / 5P
   20.20mm (0.7) :u1.9 dot matrix LED display
logo
China Semiconductor Cor...
CSM-57031G CHINASEMI-CSM-57031G Datasheet
217Kb / 6P
   0.7 Inch Dot-Matrix Display
logo
Unity Opto Technology
UVP-7X7 UOT-UVP-7X7 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-07257ND-AA BRIGHT-BM-07257ND-AA Datasheet
263Kb / 4P
   17.70mm(0.7) matrix height 5횞7 dot matrix display
logo
List of Unclassifed Man...
LTP-747R ETC1-LTP-747R Datasheet
85Kb / 1P
   0.7 inch -5x7 LED DOT MATRIX
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com