Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD703034A Datasheet(PDF) 3 Page - NEC

Part # UPD703034A
Description  V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703034A Datasheet(HTML) 3 Page - NEC

  UPD703034A Datasheet HTML 1Page - NEC UPD703034A Datasheet HTML 2Page - NEC UPD703034A Datasheet HTML 3Page - NEC UPD703034A Datasheet HTML 4Page - NEC UPD703034A Datasheet HTML 5Page - NEC UPD703034A Datasheet HTML 6Page - NEC UPD703034A Datasheet HTML 7Page - NEC UPD703034A Datasheet HTML 8Page - NEC UPD703034A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Data Sheet U14780EJ1V0DS00
3
µµµµPD703034A, 703034AY, 703035A, 703035AY, 70F3035A, 70F3035AY
PIN CONFIGURATION (Top View)
100-pin plastic LQFP (fine pitch) (14
×××× 14)
µPD703034AGC-×××-8EU
µPD70F3035AGC-8EU
µPD703034AYGC-×××-8EU
µPD70F3035AYGC-8EU
µPD703035AGC-×××-8EU
µPD703035AYGC-×××-8EU
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
P21/SO2
P22/SCK2/SCL1Note 2
P23/RXD1/SI3
P24/TXD1/SO3
P25/ASCK1/SCK3
EVDD
EVSS
P26/TI2/TO2
P27/TI3/TO3
P30/TI00
P31/TI01
P32/TI10/SI4
P33/TI11/SO4
P34/TO0/A13/SCK4
P35/TO1/A14
P36/TI4/TO4/A15
P37/TI5/TO5
IC/VPPNote 1
P100/RTP0/KR0/A5
P101/RTP1/KR1/A6
P102/RTP2/KR2/A7
P103/RTP3/KR3/A8
P104/RTP4/KR4/A9/IERX
P105/RTP5/KR5/A10/IETX
P106/RTP6/KR6/A11
P71/ANI1
P70/ANI0
AVREF
AVSS
AVDD
P65/A21
P64/A20
P63/A19
P62/A18
P61/A17
P60/A16
P57/AD15
P56/AD14
P55/AD13
P54/AD12
P53/AD11
P52/AD10
P51/AD9
P50/AD8
BVSS
BVDD
P47/AD7
P46/AD6
P45/AD5
P44/AD4
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
Notes 1.
IC: Connect directly to VSS (
µPD703034A, 703034AY, 703035A, 703035AY).
VPP: Connect to VSS in normal operation mode (
µPD70F3035A, 70F3035AY).
2.
SCL0, SCL1, SDA0, and SDA1 are available only in the
µPD703034AY, 703035AY,
and 70F3035AY.


Similar Part No. - UPD703034A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703034A RENESAS-UPD703034A Datasheet
610Kb / 54P
   MOS INTEGRATED CIRCUIT
2000
UPD703034AY RENESAS-UPD703034AY Datasheet
610Kb / 54P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD703034A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3017A NEC-UPD70F3017A Datasheet
337Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703014A NEC-UPD703014A Datasheet
309Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com