Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRB715FT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LRB715FT1G
Description  Dual Series Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LRB715FT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LRB715FT1G_15 Datasheet HTML 1Page - Leshan Radio Company LRB715FT1G_15 Datasheet HTML 2Page - Leshan Radio Company LRB715FT1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S-LRB715FT1G
ORDERING INFORMATION
Device
Marking
Shipping
3
CATHODE
ANODE
1
ANODE
2
Dual Series Schottky
Barrier Diodes
SOT-323(SC-70)
LESHAN RADIO COMPANY, LTD.
4.We declare that the material of product
compliance with RoHS requirements.
!
Applications
General purpose detection
High speed switching
!
Features
1. Small surface mounting type.
2. Low VF and low IR
3. High reliability
!
!
!
!Absolute maximum ratings
(Ta=25
°C)
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
40
V
DC reverse voltage
VR
40
V
Mean rectifying current
IO
30
mA
Peak forward surge current
IFSM
200
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
°C
−40~+125
∗ 60 Hz for 1
!
!
!
!Electrical characteristics
(Ta=25
°C)
Note) ESD sensitive product handling required.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
−−
0.37
V
IF
=1mA
Reverse current
IR
−−
1
µAVR=10V
Capacitance between terminals
2.0
pF
VR
=1V, f=1MHz
CT
1
3
2
Rev.O 1/3
LRB715FT1G
5.S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
LRB715FT1G
3D
3000/Tape & Reel
S-LRB715FT1G
LRB715FT3G
3D
10000/Tape & Reel
S-LRB715FT3G


Similar Part No. - LRB715FT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LRB715FT1G LRC-LRB715FT1G Datasheet
236Kb / 3P
   Dual Series Schottky Barrier Diodes
More results

Similar Description - LRB715FT1G_15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAT54SW AITSEMI-BAT54SW Datasheet
730Kb / 6P
   SCHOTTKY DIODES DUAL SERIES SCHOTTKY BARRIER DIODES
REV1.0
logo
Leshan Radio Company
BAT54SWT1 LRC-BAT54SWT1 Datasheet
61Kb / 2P
   Dual Series Schottky Barrier Diodes
LBAT54LT1 LRC-LBAT54LT1 Datasheet
76Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54CTT1 ONSEMI-BAT54CTT1 Datasheet
48Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 2
BAT54CLT1 ONSEMI-BAT54CLT1 Datasheet
51Kb / 4P
   Dual Series Schottky Barrier Diodes
September, 2005 ??Rev. 3
logo
Leshan Radio Company
LBAT54AWT1G LRC-LBAT54AWT1G Datasheet
94Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
SBAT54SLT1G ONSEMI-SBAT54SLT1G Datasheet
121Kb / 4P
   Dual Series Schottky Barrier Diodes
November, 2011 ??Rev. 15
logo
Leshan Radio Company
LRB715FT1G LRC-LRB715FT1G Datasheet
236Kb / 3P
   Dual Series Schottky Barrier Diodes
LBAT54SWT1G LRC-LBAT54SWT1G_15 Datasheet
201Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
First Silicon Co., Ltd
FDR54SE FS-FDR54SE Datasheet
246Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54SLT1 ONSEMI-BAT54SLT1 Datasheet
49Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com