Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD3719 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PD3719
Description  MOS INTEGRATED CIRCUIT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD3719 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PD3719_15 Datasheet HTML 4Page - Renesas Technology Corp PD3719_15 Datasheet HTML 5Page - Renesas Technology Corp PD3719_15 Datasheet HTML 6Page - Renesas Technology Corp PD3719_15 Datasheet HTML 7Page - Renesas Technology Corp PD3719_15 Datasheet HTML 8Page - Renesas Technology Corp PD3719_15 Datasheet HTML 9Page - Renesas Technology Corp PD3719_15 Datasheet HTML 10Page - Renesas Technology Corp PD3719_15 Datasheet HTML 11Page - Renesas Technology Corp PD3719_15 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
µPD3719
6
ELECTRICAL CHARACTERISTICS
TA = +25
°C, VOD = 15 V, VRD = 15 V, data rate (fφRB) = 2 MHz, storage time = 5.5 ms,
light source: 3200 K halogen lamp +C-500S (infrared cut filter, t = 1mm), input signal clock = 5 Vp-p
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Saturation voltage
Vsat
4.0
5.0
V
Saturation exposure
Red
SER
0.52
lx•s
Green
SEG
0.57
lx•s
Blue
SEB
0.94
lx•s
Photo response non-uniformity
PRNU
VOUT = 2.5 V
6
20
%
Average dark signal
ADS
Light shielding
0.8
3.0
mV
Dark signal non-uniformity
DSNU
Light shielding
1.5
5.0
mV
Power consumption
PW
400
600
mW
Output impedance
ZO
0.5
1
k
Response
Red
RR
6.8
9.7
12.6
V/lx•s
Green
RG
6.2
8.8
11.4
V/lx•s
Blue
RB
3.8
5.3
6.8
V/lx•s
Image lag
IL
VOUT = 2.5 V
2.0
5.0
%
Offset level Note1
VOS
8.8
10.8
12.8
V
Output fall delay time Note2
td
VOUT = 2.5 V
70
ns
Total transfer efficiency
TTE
VOUT = 2.5 V
92
98
%
Response peak
Red
630
nm
Green
540
nm
Blue
460
nm
Dynamic range
DR1
Vsat /DSNU
3333
times
DR2
Vsat /
σ
10000
times
Reset feed-through noise Note1
RFTN
Light shielding
0
1500
2500
mV
Random noise
σ
Light shielding
0.5
mV
Notes 1. Refer to TIMING CHART 2.
2. When the fall time of
φ1 (t1) is the TYP. value (refer to TIMING CHART 2).


Similar Part No. - PD3719_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD3729 RENESAS-PD3729_15 Datasheet
240Kb / 22P
   MOS INTEGRATED CIRCUIT
PD3778 RENESAS-PD3778_15 Datasheet
310Kb / 26P
   10600 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PD3788 RENESAS-PD3788_15 Datasheet
280Kb / 26P
   7300 PIXELS 쨈 3 COLOR CCD LINEAR IMAGE SENSOR
More results

Similar Description - PD3719_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com