Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT3021R Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAT3021R
Description  Silicon N/P Channel Power MOS FET Power Switching
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT3021R Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAT3021R_15 Datasheet HTML 1Page - Renesas Technology Corp HAT3021R_15 Datasheet HTML 2Page - Renesas Technology Corp HAT3021R_15 Datasheet HTML 3Page - Renesas Technology Corp HAT3021R_15 Datasheet HTML 4Page - Renesas Technology Corp HAT3021R_15 Datasheet HTML 5Page - Renesas Technology Corp HAT3021R_15 Datasheet HTML 6Page - Renesas Technology Corp HAT3021R_15 Datasheet HTML 7Page - Renesas Technology Corp HAT3021R_15 Datasheet HTML 8Page - Renesas Technology Corp HAT3021R_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HAT3021R
Rev.2.00, Oct.06.2004, page 2 of 10
Electrical Characteristics
(Ta = 25°C)
• N Channel
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
80
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
±20
V
IG = ±100
µA, VDS = 0
Gate to source leak current
IGSS
——
± 10
µAVGS = ±16 V, VDS = 0
Zero gate voltage drain current
IDSS
——
1
µAVDS = 80 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.0
2.5
V
VDS = 10 V, I D = 1 mA
RDS(on)
90
115
m
ID = 1.7 A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
100
145
m
ID = 1.7 A, VGS = 4.5 V
Note4
Forward transfer admittance
|yfs|4.2
7.0
S
ID = 1.7 A, VDS = 10 V
Note4
Input capacitance
Ciss
400
pF
Output capacitance
Coss
57
pF
Reverse transfer capacitance
Crss
24
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Total gate charge
Qg
7.3
nC
Gate to source charge
Qgs
1.1
nC
Gate to drain charge
Qgd
1.3
nC
VDD = 25 V
VGS = 10 V
ID = 3.4 A
Turn-on delay time
td(on)
—6.0
ns
Rise time
tr
—4.0
ns
Turn-off delay time
td(off)
—39
ns
Fall time
tf
—3.5
ns
VGS = 10 V, ID = 1.7 A
VDD
≅ 30 V
RL = 17.6
Rg = 4.7
Body–drain diode forward voltage
VDF
0.83
1.08
V
IF = 3.4 A, VGS = 0
Note4
Body–drain diode reverse recovery
time
trr
30
ns
IF = 3.4 A, VGS = 0
diF/ dt = 100 A/
µs
Notes: 4. Pulse test


Similar Part No. - HAT3021R_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3021R RENESAS-HAT3021R_16 Datasheet
208Kb / 12P
   Silicon N/P Channel Power MOS FET Power Switching
More results

Similar Description - HAT3021R_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3021R RENESAS-HAT3021R Datasheet
146Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3029R RENESAS-HAT3029R_16 Datasheet
257Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3019R RENESAS-HAT3019R Datasheet
535Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3029R RENESAS-HAT3029R_15 Datasheet
163Kb / 12P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3029R RENESAS-HAT3029R Datasheet
147Kb / 10P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3021R RENESAS-HAT3021R_16 Datasheet
208Kb / 12P
   Silicon N/P Channel Power MOS FET Power Switching
HAT1048R RENESAS-HAT1048R Datasheet
37Kb / 5P
   Silicon P Channel Power MOS FET Power Switching
HAT1072H RENESAS-HAT1072H_05 Datasheet
177Kb / 7P
   Silicon P Channel Power MOS FET Power Switching
HAT1069C RENESAS-HAT1069C_15 Datasheet
84Kb / 6P
   Silicon P Channel Power MOS FET Power Switching
HAT1127H RENESAS-HAT1127H_15 Datasheet
106Kb / 9P
   Silicon P Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com