Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2305DSLT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LP2305DSLT1G
Description  8V P-Channel Enhancement-Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP2305DSLT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LP2305DSLT1G_15 Datasheet HTML 1Page - Leshan Radio Company LP2305DSLT1G_15 Datasheet HTML 2Page - Leshan Radio Company LP2305DSLT1G_15 Datasheet HTML 3Page - Leshan Radio Company LP2305DSLT1G_15 Datasheet HTML 4Page - Leshan Radio Company LP2305DSLT1G_15 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
▼ Simple Drive Requirement
▼ Small Package Outline
▼ Surface Mount Device
G
D
S
SOT– 23 (TO–236AB)
LESHAN RADIO COMPANY, LTD.
S-LP2305DSLT1G
8V P-Channel Enhancement-Mode MOSFET
VDS= -8V
Features
Advanced trench process technology
High Density Cell Design For Ultra Low On-Resistance
Fully Characterized Avalanche Voltage and Current
Improved Shoot-Through FOM
1
3
2
we declare that the material of product
compliance with RoHS
.
RDS(ON),
m
Ω
"
Vgs@-4.5V, Ids@ 3.5A = 68
RDS(ON),
m
Ω
"
Vgs@-2.5V, Ids@ 3A = 81
RDS(ON),
m
Ω
"
2A = 118
Vgs@-1.8V, Ids@
Maximum Ratings and Thermal Characteristics (TA = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 8
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current
ID
-3.5
A
Pulsed Drain Current
1)
IDM
-12
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
oC
Note: 1. Repetitive Rating: Pulse width limited by the maximum junction temperature
re uirements
q
Device
Marking
Shipping
3000/Tape&Reel
10000/Tape&Reel
LP2305DSLT1G
P5S
LP2305DSLT3G
P5S
Total Device Dissipation FR–5 Board
A = 25°C
P
D
1100
mW
T
Ordering Information
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient3
110
/W
Parameter
Thermal Data
Rev .O 1/5
1
2
3
LP2305DSLT1G
S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
S-LP2305DSLT1G
S-LP2305DSLT3G


Similar Part No. - LP2305DSLT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LP2305DSLT1G LRC-LP2305DSLT1G Datasheet
510Kb / 5P
   12V P-Channel Enhancement-Mode MOSFET
logo
VBsemi Electronics Co.,...
LP2305DSLT1G VBSEMI-LP2305DSLT1G Datasheet
494Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - LP2305DSLT1G_15

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2421 AOSMD-AOC2421 Datasheet
257Kb / 5P
   8V P-Channel MOSFET
AON2401 AOSMD-AON2401 Datasheet
245Kb / 5P
   8V P-Channel MOSFET
AOC2413 AOSMD-AOC2413 Datasheet
253Kb / 5P
   8V P-Channel MOSFET
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com