Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT1126R Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HAT1126R
Description  Silicon P Channel Power MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1126R Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HAT1126R_15 Datasheet HTML 2Page - Renesas Technology Corp HAT1126R_15 Datasheet HTML 3Page - Renesas Technology Corp HAT1126R_15 Datasheet HTML 4Page - Renesas Technology Corp HAT1126R_15 Datasheet HTML 5Page - Renesas Technology Corp HAT1126R_15 Datasheet HTML 6Page - Renesas Technology Corp HAT1126R_15 Datasheet HTML 7Page - Renesas Technology Corp HAT1126R_15 Datasheet HTML 8Page - Renesas Technology Corp HAT1126R_15 Datasheet HTML 9Page - Renesas Technology Corp HAT1126R_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HAT1126R, HAT1126RJ
Rev.1.00 Sep. 10, 2004, page 5 of 7
–10
–8
–6
–4
–2
0
–0.4
–0.8
–1.2
–1.6
–2.0
Pulse Test
VGS = 0, 5 V
–10 V
–5 V
Source to Drain Voltage
VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width (1 Drive Operation)
10
µ
100
µ
1 m
10 m
100 m
1
10
100
1000
10000
10000
10
1
0.1
0.01
0.001
0.0001
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
puls
e
DM
P
PW
T
D =
PW
T
θch – f(t) = γs (t) • θch – f
θch – f = 125°C/W, Ta = 25°C
When using the glass epoxy board
(FR4 40
× 40 × 1.6mm)
10
µ
100
µ
1 m
10 m
100 m
1
10
100
1000
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width (2 Drive Operation)
10
1
0.1
0.01
0.001
0.0001
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
DM
P
PW
T
D =
PW
T
θch – f(t) = γs (t) • θch – f
θch – f = 166°C/W, Ta = 25°C
When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm)


Similar Part No. - HAT1126R_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1126R-EL-E RENESAS-HAT1126R-EL-E Datasheet
126Kb / 8P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1126RJ RENESAS-HAT1126RJ Datasheet
126Kb / 8P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1126RJ-EL-E RENESAS-HAT1126RJ-EL-E Datasheet
126Kb / 8P
   Silicon P Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT1126R_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1055R RENESAS-HAT1055R_15 Datasheet
136Kb / 12P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT1029R HITACHI-HAT1029R Datasheet
53Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT1065R RENESAS-HAT1065R Datasheet
61Kb / 4P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1020R RENESAS-HAT1020R_15 Datasheet
109Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT1025R HITACHI-HAT1025R Datasheet
56Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1033T HITACHI-HAT1033T Datasheet
53Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1038R HITACHI-HAT1038R Datasheet
60Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT1047R RENESAS-HAT1047R Datasheet
116Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1054R RENESAS-HAT1054R Datasheet
96Kb / 8P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1024R RENESAS-HAT1024R_15 Datasheet
115Kb / 10P
    Silicon P Channel Power MOS FET High Speed Power Switching
HAT1038R RENESAS-HAT1038R_15 Datasheet
248Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com