Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT1097R Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HAT1097R
Description  Silicon P Channel Power MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1097R Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HAT1097R_15 Datasheet HTML 2Page - Renesas Technology Corp HAT1097R_15 Datasheet HTML 3Page - Renesas Technology Corp HAT1097R_15 Datasheet HTML 4Page - Renesas Technology Corp HAT1097R_15 Datasheet HTML 5Page - Renesas Technology Corp HAT1097R_15 Datasheet HTML 6Page - Renesas Technology Corp HAT1097R_15 Datasheet HTML 7Page - Renesas Technology Corp HAT1097R_15 Datasheet HTML 8Page - Renesas Technology Corp HAT1097R_15 Datasheet HTML 9Page - Renesas Technology Corp HAT1097R_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HAT1097R, HAT1097RJ
Rev.1.00, Feb.15.2005, page 4 of 7
Case Temperature
Tc
(
°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
–0.1 –0.3
–1
–3
–10
–30
–100
50
20
5
10
1
2
0.5
25
°C
Tc = –25
°C
75
°C
DS
V
= –10 V
Pulse Test
0.25
0.20
0.15
0.10
0.05
–40
0
40
80
120
160
0
–10 V
ID = –1, –2 A
VGS = –4.5 V
–1, –2 A
–5 A
–5 A
Pulse Test
Drain Source Voltage VDS
(V)
Typical Capacitance vs.
Drain Source Voltage
Drain Current
ID (A)
Switching Characteristics
Gate Charge
Qg (nc)
Dynamic Input Characteristics
0
–10
–20
–30
–40
–50
2000
5000
1000
100
200
500
10
20
50
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
0
–20
–40
–60
–80
–100
0
0
–4
–8
–12
–16
8
1624
3240
–20
1000
300
30
100
3
10
1
–0.1 –0.3
–1
–3
–10
–30
–100
VGS = –10 V, VDS = –30 V
PW = 5
µs, duty < 1 %
t f
r
t
d(on)
t
d(off)
t
VDD = –10 V
–25 V
–50 V
ID = –5 A
VDS
VGS
VDD = –10 V
–25 V
–50 V
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
–0.1 –0.3
–1
–3
–10
–30
–100
1000
500
50
100
20
10
200
di / dt = 100 A /
µs
VGS = 0, Ta = 25°C


Similar Part No. - HAT1097R_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1097R-EL-E RENESAS-HAT1097R-EL-E Datasheet
83Kb / 8P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1097RJ RENESAS-HAT1097RJ Datasheet
83Kb / 8P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1097RJ-EL-E RENESAS-HAT1097RJ-EL-E Datasheet
83Kb / 8P
   Silicon P Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT1097R_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1055R RENESAS-HAT1055R_15 Datasheet
136Kb / 12P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT1029R HITACHI-HAT1029R Datasheet
53Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT1065R RENESAS-HAT1065R Datasheet
61Kb / 4P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1020R RENESAS-HAT1020R_15 Datasheet
109Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT1025R HITACHI-HAT1025R Datasheet
56Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1033T HITACHI-HAT1033T Datasheet
53Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1038R HITACHI-HAT1038R Datasheet
60Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT1047R RENESAS-HAT1047R Datasheet
116Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1054R RENESAS-HAT1054R Datasheet
96Kb / 8P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1024R RENESAS-HAT1024R_15 Datasheet
115Kb / 10P
    Silicon P Channel Power MOS FET High Speed Power Switching
HAT1038R RENESAS-HAT1038R_15 Datasheet
248Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com