Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNTR4003NLT1G Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LNTR4003NLT1G
Description  Small Signal MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LNTR4003NLT1G Datasheet(HTML) 5 Page - Leshan Radio Company

  LNTR4003NLT1G_15 Datasheet HTML 1Page - Leshan Radio Company LNTR4003NLT1G_15 Datasheet HTML 2Page - Leshan Radio Company LNTR4003NLT1G_15 Datasheet HTML 3Page - Leshan Radio Company LNTR4003NLT1G_15 Datasheet HTML 4Page - Leshan Radio Company LNTR4003NLT1G_15 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M,1982
2. CONTROLLING DIMENSION: INCH.
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.1102
0.1197
2.80
3.04
B
0.0472
0.0551
1.20
1.40
C
0.0350
0.0440
0.89
1.11
D
0.0150
0.0200
0.37
0.50
G
0.0701
0.0807
1.78
2.04
H
0.0005
0.0040
0.013
0.100
J
0.0034
0.0070
0.085
0.177
K
0.0140
0.0285
0.35
0.69
L
0.0350
0.0401
0.89
1.02
S
0.0830
0.1039
2.10
2.64
V
0.0177
0.0236
0.45
0.60
SOT-23
D
J
K
L
A
C
B S
H
G
V
12
3
mm
inches
0.037
0.95
0.037
0.95
0.079
2.0
0.035
0.9
0.031
0.8
Rev .O 5/5
LNTR4003NLT1G , S-LNTR4003NLT1G


Similar Part No. - LNTR4003NLT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LNTR4003NLT1G LRC-LNTR4003NLT1G Datasheet
447Kb / 5P
   30 V, 0.56 A, Single, N?묬hannel,Gate ESD Protection, SOT-23
logo
VBsemi Electronics Co.,...
LNTR4003NLT1G VBSEMI-LNTR4003NLT1G Datasheet
485Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - LNTR4003NLT1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
   Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
List of Unclassifed Man...
CMT2N7000 ETC1-CMT2N7000 Datasheet
118Kb / 5P
   Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
   Small Signal MOSFET
LNTA7002NT1G LRC-LNTA7002NT1G_15 Datasheet
410Kb / 5P
   Small Signal MOSFET
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N_16 Datasheet
133Kb / 5P
   Small Signal MOSFET
October, 2016 ??Rev. 1
NTNS41006PZ ONSEMI-NTNS41006PZ Datasheet
80Kb / 6P
   Small Signal MOSFET
May, 2017 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
2N7000 SEMTECH_ELEC-2N7000 Datasheet
148Kb / 2P
   Small Signal MOSFET
logo
ON Semiconductor
NTNS3C94NZ ONSEMI-NTNS3C94NZ_16 Datasheet
71Kb / 6P
   Small Signal MOSFET
December, 2016 ??Rev. 1
NTJS4405N ONSEMI-NTJS4405N_11 Datasheet
135Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 6
NTJD4158C ONSEMI-NTJD4158C_15 Datasheet
91Kb / 7P
   Small Signal MOSFET
Febuary, 2015 ??Rev. 5
NTJD4001N ONSEMI-NTJD4001N_15 Datasheet
72Kb / 5P
   Small Signal MOSFET
May, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com