Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNTK3043PT5G Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LNTK3043PT5G
Description  Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LNTK3043PT5G Datasheet(HTML) 5 Page - Leshan Radio Company

  LNTK3043PT5G_15 Datasheet HTML 1Page - Leshan Radio Company LNTK3043PT5G_15 Datasheet HTML 2Page - Leshan Radio Company LNTK3043PT5G_15 Datasheet HTML 3Page - Leshan Radio Company LNTK3043PT5G_15 Datasheet HTML 4Page - Leshan Radio Company LNTK3043PT5G_15 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
PACKAGE DIMENSIONS
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.45
0.50
0.55
b
0.15
0.21
0.27
b1
0.25
0.31
0.37
C
0.07
0.12
0.17
D
1.15
1.20
1.25
E
0.75
0.80
0.85
e
0.40 BSC
H
1.15
1.20
1.25
L
0.15
0.20
0.25
0.018
0.020
0.022
0.0059 0.0083 0.0106
0.010
0.012
0.015
0.0028 0.0047 0.0067
0.045
0.047
0.049
0.03
0.032
0.034
0.016 BSC
0.045
0.047
0.049
0.0059 0.0079 0.0098
MIN
NOM
MAX
INCHES
E
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH. MINIMUM LEAD THICKNESS IS THE MINIMUM
THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
D
b1
E
b
e
A
L
C
H
−Y−
−X−
X
0.08 (0.0032)
Y
2X
E
1
2
3
1.0
0.039
mm
inches
SCALE 20:1
0.40
0.0157
0.40
0.0157
0.40
0.0157
0.40
0.0157
0.40
0.0157
SOT−723
SOLDERING FOOTPRINT*
Rev .O 5/5
LNTK3043PT5G , S-LNTK3043PT5G


Similar Part No. - LNTK3043PT5G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LNTK3043PT5G LRC-LNTK3043PT5G Datasheet
235Kb / 5P
   20 V, 285 mA, P?묬hannel with ESD Protection, SOT??23
More results

Similar Description - LNTK3043PT5G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com