Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD703031A Datasheet(PDF) 4 Page - NEC

Part # UPD703031A
Description  V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703031A Datasheet(HTML) 4 Page - NEC

  UPD703031A Datasheet HTML 1Page - NEC UPD703031A Datasheet HTML 2Page - NEC UPD703031A Datasheet HTML 3Page - NEC UPD703031A Datasheet HTML 4Page - NEC UPD703031A Datasheet HTML 5Page - NEC UPD703031A Datasheet HTML 6Page - NEC UPD703031A Datasheet HTML 7Page - NEC UPD703031A Datasheet HTML 8Page - NEC UPD703031A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet U14734EJ1V0DS00
4
µµµµPD703031A, 703031AY, 703033A, 703033AY, 70F3033A, 70F3033AY
100-pin plastic QFP (14
×××× 20)
µPD703031AGF-×××-3BA
µPD70F3033AGF-3BA
µPD703031AYGF-×××-3BA
µPD70F3033AYGF-3BA
µPD703033AGF-×××-3BA
µPD703033AYGF-×××-3BA
P73/ANI3
P72/ANI2
P71/ANI1
P70/ANI0
AVREF
AVSS
AVDD
P65/A21
P64/A20
P63/A19
P62/A18
P61/A17
P60/A16
P57/AD15
P56/AD14
P55/AD13
P54/AD12
P53/AD11
P52/AD10
P51/AD9
P50/AD8
BVSS
BVDD
P47/AD7
P46/AD6
P45/AD5
P44/AD4
P43/AD3
P42/AD2
P41/AD1
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
P14/SO1/TXD0
P15/SCK1/ASCK0
P20/SI2/SDA1Note 2
P21/SO2
P22/SCK2/SCL1Note 2
P23/RXD1/SI3
P24/TXD1/SO3
P25/ASCK1/SCK3
EVDD
EVSS
P26/TI2/TO2
P27/TI3/TO3
P30/TI00
P31/TI01
P32/TI10/SI4
P33/TI11/SO4
P34/TO0/A13/SCK4
P35/TO1/A14
P36/TI4/TO4/A15
P37/TI5/TO5
IC/VPPNote 1
P100/RTP0/KR0/A5
P101/RTP1/KR1/A6
P102/RTP2/KR2/A7
P103/RTP3/KR3/A8
P104/RTP4/KR4/A9
P105/RTP5/KR5/A10
P106/RTP6/KR6/A11
P107/RTP7/KR7/A12
P110/WAIT/A1
Notes 1.
IC: Connect directly to VSS (
µPD703031A, 703031AY, 703033A, 703033AY).
VPP: Connect to VSS in normal operation mode (
µPD70F3033A, 70F3033AY).
2.
SCL0, SCL1, SDA0, and SDA1 are available only in the
µPD703031AY, 703033AY,
and 70F3033AY.


Similar Part No. - UPD703031A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703031A RENESAS-UPD703031A Datasheet
609Kb / 54P
   MOS INTEGRATED CIRCUIT
2000
UPD703031AGC-XXX-8EU RENESAS-UPD703031AGC-XXX-8EU Datasheet
609Kb / 54P
   MOS INTEGRATED CIRCUIT
2000
UPD703031AGF-XXX-3BA RENESAS-UPD703031AGF-XXX-3BA Datasheet
609Kb / 54P
   MOS INTEGRATED CIRCUIT
2000
UPD703031AYGC-XXX-8EU RENESAS-UPD703031AYGC-XXX-8EU Datasheet
609Kb / 54P
   MOS INTEGRATED CIRCUIT
2000
UPD703031AYGF-XXX-3BA RENESAS-UPD703031AYGF-XXX-3BA Datasheet
609Kb / 54P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD703031A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3017A NEC-UPD70F3017A Datasheet
337Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703014A NEC-UPD703014A Datasheet
309Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com