Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN3168 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3168
Description  In alternating current applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3168 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3168 Datasheet HTML 3Page - STMicroelectronics AN3168 Datasheet HTML 4Page - STMicroelectronics AN3168 Datasheet HTML 5Page - STMicroelectronics AN3168 Datasheet HTML 6Page - STMicroelectronics AN3168 Datasheet HTML 7Page - STMicroelectronics AN3168 Datasheet HTML 8Page - STMicroelectronics AN3168 Datasheet HTML 9Page - STMicroelectronics AN3168 Datasheet HTML 10Page - STMicroelectronics AN3168 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AN3168
Triggering circuits
Doc ID 17193 Rev 1
7/20
In the following, we assume that the device gate is directly connected to a microcontroller
(MCU) output pin, through a gate resistor (RG).
To ensure that the MCU will always deliver “IGT(0 °C)”, the maximum gate current at 0 °C,
the value of the gate resistor (RG) must be calculated for the minimum available voltage.
This means that the minimum supply voltage and the maximum voltage drop of the gate
junction (VGT) should be taken into account.
The actual resistance value also depends on its tolerance. Typically, 1% precision resistors
are used. The microcontroller output port resistor (RDSon) maximum value also plays a role
in the current limitation.
The required value of RG is given in Equation 1.
Equation 1
Example: for a 20 mA output pin of a microcontroller, the worst RDSon could equal typically
50
Ω (ex: 1.5 V for 30 mA for an 85 °C junction temperature).
If an ACST6 is used, its IGT increases by 35% for a 0 °C junction temperature, compared to
the 10 mA given at 25 °C. VGT is given for Tj equals 25 °C. Its value increases as Tj
decreases with a 2 mV/ °C rate. With a minimum supply voltage of 4.5 V and VGT equals
1.55 V (at 0 °C), RG is given in Equation 2 for ACST6 devices.
Equation 2
The normalized value closest to 166
Ω is 165 Ω (1% precision resistor).
2.3
SCR and Triac triggering circuit with a positive power supply
With positive power supplies, the gate current can be only sourced from the control circuit to
the gate. Such a topology is adapted for SCRs control. For Triacs, the devices are then
triggered in quadrants Q1 and Q4. Such an operation is not advised for Triacs as the gate
current level is the highest for Q4 (see Section 1). Also Triac resistance to dI/dt at turn on is
lower for Q4.
As a control circuit designed with a positive power supply can be used only with standard
Triacs, the whole design has to be changed if the designer wants to switch from this
standard Triac to a snubberless or logic level Triac, or to an ACS or ACST. Indeed these
latter devices can not be triggered in Q4 (refer to Section 1).
When the gate current required to trigger the device is higher than the control-circuit output
current capability, the control-circuit output current has to be amplified. For example, today a
lot of MCUs feature output pins with a current capability around 30 mA. They can switch
Triacs safely with IGT up to 15 to 20 mA. If a Triac with a 35 or 50 mA IGT has to be controlled
by such an MCU, the two solutions are then:
Use several MCU output pins in parallel (the best is to use a separate gate resistor
between each output pin and the Triac gate to ensure a good current repartition
between each pin).
Use a bipolar transistor as shown in Figure 7.
()
C
0
I
01
,
1
R
R
V
V
gt
G
max
DSon
max
GT
min
DD
°
>
+
Ω
=
<
166
50
01
,
1
0135
,
0
55
,
1
5
,
4
Rg


Similar Part No. - AN3168

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN316 STMICROELECTRONICS-AN316 Datasheet
438Kb / 17P
   clamping protection mode
logo
Silicon Laboratories
AN316 SILABS-AN316 Datasheet
1Mb / 12P
   AM/FM TUNER FIELD TEST PROCEDURE
logo
STMicroelectronics
AN3161 STMICROELECTRONICS-AN3161 Datasheet
761Kb / 14P
   Using the STGW35HF60WD advanced PT IGBT in parallel
AN3163 STMICROELECTRONICS-AN3163 Datasheet
232Kb / 13P
   Configuring your ISO 15693 reader
AN3165 STMICROELECTRONICS-AN3165 Datasheet
1Mb / 31P
   Digital PFC and dual FOC MC integration
More results

Similar Description - AN3168

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST2 STMICROELECTRONICS-ACST2 Datasheet
161Kb / 11P
   AC Switch family Alternating current switch
logo
ZIEHL industrie-elektro...
SW31V ZIEHL-SW31V Datasheet
242Kb / 1P
   Voltage Relay for three-phase current also for alternating current networks
logo
Littelfuse
ALT LITTELFUSE-ALT Datasheet
234Kb / 2P
   8-pin Plug-in Alternating Relay
2019 Rev: 2-C-043019
logo
Pentair plc. All rights...
2850 PENTAIR-2850 Datasheet
3Mb / 52P
   An uninterrupted alternating current (A/C) supply is required
logo
List of Unclassifed Man...
DLA71DB232P ETC2-DLA71DB232P Datasheet
123Kb / 4P
   Monitoring Relays Pump alternating
logo
STMicroelectronics
AN3306 STMICROELECTRONICS-AN3306 Datasheet
639Kb / 21P
   Current sensing in metering applications using
logo
PHOENIX CONTACT
102504 PHOENIX-102504 Datasheet
190Kb / 3P
   Current Measuring Transducer for Sinusoidal and Non-Sinusoidal Alternating Currents
2813499 PHOENIX-2813499 Datasheet
167Kb / 3P
   Current Measuring Transducer for Sinusoidal and Non-Sinusoidal Alternating Currents
logo
Cymbet Corporation
AN-1025 CYMBET-AN-1025 Datasheet
695Kb / 8P
   Using the EnerChip??in Pulse Current Applications
logo
Carlo Gavazzi Holding A...
DLA71 CARLOGAVAZZI-DLA71 Datasheet
138Kb / 5P
   Monitoring Relays Pump alternating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com