Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2991 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2991
Description  Single-phase induction motor drive for refrigerator compressor application
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2991 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2991 Datasheet HTML 4Page - STMicroelectronics AN2991 Datasheet HTML 5Page - STMicroelectronics AN2991 Datasheet HTML 6Page - STMicroelectronics AN2991 Datasheet HTML 7Page - STMicroelectronics AN2991 Datasheet HTML 8Page - STMicroelectronics AN2991 Datasheet HTML 9Page - STMicroelectronics AN2991 Datasheet HTML 10Page - STMicroelectronics AN2991 Datasheet HTML 11Page - STMicroelectronics AN2991 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Stalled rotor management
AN2991
8/14
Doc ID 15772 Rev 2
2.2
Protection by microcontroller
In order to secure the life expectancy of a refrigerator, the stalled rotor protection can also
be provided by the electronic board. In this case, the over current is applied to the motor and
the switches for less than 1 s, as opposed to 15 s with a thermal cut-off. The maximum
junction temperature will then reach 102 °C, for a 60 °C ambient temperature, instead of
162 °C, eliminating any stress on the ACST.
This 1 s duration is chosen in order to differentiate an abnormal over-current from the start-
up current, as explained below.
To sense an over current, it is possible to measure the voltage across a shunt resistor
placed in series with the run ACST. Then, as the current is alternating, it must be clearly
defined at which moment it must be measured. Furthermore, this moment must be chosen
in order to differentiate the over-current from the normal current. Figure 8 gives the
maximum and minimum currents for both operating conditions. These curves come from
experimental results where the mains voltage has been varied from 198 to 264 V rms, with
and without a start capacitor.
Figure 8 shows that, in a stalled rotor condition, the current is still above 5.6 A between 6
and 8 ms after zero voltage crossing. For information, in normal condition, the load current is
always lower than 3 A at this moment.
The 5.6 A value is chosen as the condition for a stalled rotor status. The MCU must then be
able to perform A/D conversions between 6 and 8 ms. Several measurements can be
performed to filter measurement noise.
Figure 8. Motor current maximum ranges
Current (A)
Time (ms)
4
06
2
8
10
12
-8
-6
-4
-2
0
2
4
6
8
10
Istall max
Inorm max
Istall min


Similar Part No. - AN2991

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN299 SILABS-AN299 Datasheet
1Mb / 4P
   EXTERNAL 32.768 KHZ CRYSTAL OSCILLATOR
logo
STMicroelectronics
AN2994 STMICROELECTRONICS-AN2994 Datasheet
2Mb / 38P
   400 W FOT-controlled PFC pre-regulator with the L6563S
AN2995 STMICROELECTRONICS-AN2995 Datasheet
304Kb / 13P
   Demonstration board user guidelines
More results

Similar Description - AN2991

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11983 SANYO-LB11983 Datasheet
97Kb / 7P
   For Fan Motor Driver for Refrigerator 3-Phase Sensorless Motor Driver
LB11988 SANYO-LB11988_08 Datasheet
85Kb / 6P
   For Refrigerator Fan Motor Driver
logo
Microchip Technology
PIC18FXX39 MICROCHIP-PIC18FXX39 Datasheet
2Mb / 322P
   Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
11/29/12 2002-2013
logo
Sanyo Semicon Device
TND523SS SANYO-TND523SS Datasheet
494Kb / 8P
   Single-phase High Side Drive Application
TND517VS SANYO-TND517VS Datasheet
373Kb / 8P
   Single-phase High Side Drive Application
logo
Microchip Technology
PIC18F4539 MICROCHIP-PIC18F4539 Datasheet
5Mb / 322P
   Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
2002
logo
Omron Electronics LLC
R87BFA3A15HPFR OMRON-R87BFA3A15HPFR Datasheet
32Kb / 2P
   Single-phase shading coil induction motor (2-pole, open type)
logo
Ningbo Leison Motor Co....
LS-2IK06-2GN NINGBO-LS-2IK06-2GN Datasheet
898Kb / 1P
   Induction Motor 6W
LS-5IK60-5GU NINGBO-LS-5IK60-5GU Datasheet
946Kb / 1P
   Induction Motor 60W
logo
Infineon Technologies A...
UG-2020-19 INFINEON-UG-2020-19 Datasheet
2Mb / 31P
   REF_Fridge_D111T_MOS user guide Refrigerator compressor driver reference design kit
V1.0 2020-10-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com