Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-LS3216C0E1 Datasheet(PDF) 4 Page - BetLux Electronics

Part # BL-LS3216C0E1
Description  3.2mmx1.6mm SMD, 1.1mm THICKNESS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS3216C0E1 Datasheet(HTML) 4 Page - BetLux Electronics

  BL-LS3216C0E1 Datasheet HTML 1Page - BetLux Electronics BL-LS3216C0E1 Datasheet HTML 2Page - BetLux Electronics BL-LS3216C0E1 Datasheet HTML 3Page - BetLux Electronics BL-LS3216C0E1 Datasheet HTML 4Page - BetLux Electronics BL-LS3216C0E1 Datasheet HTML 5Page - BetLux Electronics BL-LS3216C0E1 Datasheet HTML 6Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
  
SMD LED LAMP
BL-LS3216C0E1
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 4 of 6
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
n
Tape Specifications
1.00±0.01
Unit:mm
Tolerance:±0.1
1.75±0.10
3.50±0.05
1.88±0.10
4.00±0.10
4.00±0.10
2.00±0.05
1.50+0.10/-0
Cathode mark
3.5±0.10
1.27±0.10
0.23±0.05
9.0±0.5
12.0±0.15
Label sticking position


Similar Part No. - BL-LS3216C0E1

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3216B0E1 BETLUX-BL-LS3216B0E1 Datasheet
561Kb / 6P
   3.2mmx1.6mm SMD, 1.1mm THICKNESS
More results

Similar Description - BL-LS3216C0E1

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3216B0E1 BETLUX-BL-LS3216B0E1 Datasheet
561Kb / 6P
   3.2mmx1.6mm SMD, 1.1mm THICKNESS
BL-LS2012A0E1 BETLUX-BL-LS2012A0E1 Datasheet
531Kb / 6P
   2.0mmx1.25mm SMD, 1.1mm THICKNESS
logo
Kingbright Corporation
APT3216RWF-A KINGBRIGHT-APT3216RWF-A Datasheet
389Kb / 7P
   3.2mmx1.6mm SMD CHIP LED LAMP
APT3216ZGC KINGBRIGHT-APT3216ZGC Datasheet
279Kb / 5P
   3.2mmx1.6mm SMD CHIP LED LAMP
APT3216EC KINGBRIGHT-APT3216EC Datasheet
274Kb / 5P
   3.2mmx1.6mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APT3216YC TO-GRACE-APT3216YC Datasheet
1Mb / 5P
   3.2mmx1.6mm SMD CHIP LED LAMP
APT3216QWF-G TO-GRACE-APT3216QWF-G Datasheet
1Mb / 6P
   3.2mmx1.6mm SMD CHIP LED LAMP
APT3216ZGC-G TO-GRACE-APT3216ZGC-G Datasheet
1Mb / 5P
   3.2mmx1.6mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BG55W-A2 SUNLED-ZM2BG55W-A2 Datasheet
195Kb / 4P
   3.2mmx1.6mm SMD CHIP LED LAMP
ZM2CR55W-1 SUNLED-ZM2CR55W-1 Datasheet
188Kb / 4P
   3.2mmx1.6mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com