Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-LS3020A0S1UYC Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-LS3020A0S1UYC
Description  3.0mmx2.0mm SMD, 1.3mm THICKNESS PLCC2 package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS3020A0S1UYC Datasheet(HTML) 5 Page - BetLux Electronics

  BL-LS3020A0S1UYC Datasheet HTML 1Page - BetLux Electronics BL-LS3020A0S1UYC Datasheet HTML 2Page - BetLux Electronics BL-LS3020A0S1UYC Datasheet HTML 3Page - BetLux Electronics BL-LS3020A0S1UYC Datasheet HTML 4Page - BetLux Electronics BL-LS3020A0S1UYC Datasheet HTML 5Page - BetLux Electronics BL-LS3020A0S1UYC Datasheet HTML 6Page - BetLux Electronics BL-LS3020A0S1UYC Datasheet HTML 7Page - BetLux Electronics BL-LS3020A0S1UYC Datasheet HTML 8Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMD LED LAMP
BL-LS3020A0S1
APPRO
VED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.4
Page 5 of 8
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Color Temperature Bin
3000 K
7000 K
6500 K
6000 K
5500 K
5000 K
4500 K
4000 K
3500 K
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
x
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
W1
W2
W3
N1
N2
C1
CODE
x
y
CODE
X
Y
W1
0.4373
0.3893
N1
0.3670
0.3578
0.4562
0.4260
0.3736
0.3874
0.4813
0.4319
0.4006
0.4044
0.4593
0.3944
0.3898
0.3716
X
Y
X
Y
W2
0.4147
0.3814
N2
0.3481
0.3557
0.4299
0.4165
0.3376
0.3616
0.4562
0.4260
0.3592
0.3641
0.4373
0.3893
0.3670
0.3578
X
Y
X
Y
W3
0.3889
0.3690
C1
0.3160
0.3274
0.3996
0.4015
0.3028
0.3304
0.4299
0.4165
0.3265
0.3371
0.4147
0.3814
0.3364
0.3328


Similar Part No. - BL-LS3020A0S1UYC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3014A0S1 BETLUX-BL-LS3014A0S1 Datasheet
274Kb / 4P
   3.0mmx1.4mm SMD, 1.2mm THICKNESS PLCC2 package
BL-LS3014B1S1 BETLUX-BL-LS3014B1S1 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3014B1S1UWC-C150 BETLUX-BL-LS3014B1S1UWC-C150 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3014B1S1UWC-C30 BETLUX-BL-LS3014B1S1UWC-C30 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3014B1S1UWC-C60 BETLUX-BL-LS3014B1S1UWC-C60 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
More results

Similar Description - BL-LS3020A0S1UYC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3528A0S1 BETLUX-BL-LS3528A0S1 Datasheet
373Kb / 8P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
BL-LS3014A0S1 BETLUX-BL-LS3014A0S1 Datasheet
274Kb / 4P
   3.0mmx1.4mm SMD, 1.2mm THICKNESS PLCC2 package
BL-LS3014B1S1 BETLUX-BL-LS3014B1S1 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3535A0S1 BETLUX-BL-LS3535A0S1 Datasheet
512Kb / 8P
   SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
BL-LS3528C1S1 BETLUX-BL-LS3528C1S1 Datasheet
324Kb / 8P
   POWER SMD LEDs , 3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
BL-LS3528A0S1IR BETLUX-BL-LS3528A0S1IR Datasheet
308Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
BL-LS3528A0S1PD BETLUX-BL-LS3528A0S1PD Datasheet
268Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, SILICON PHOTO DIODES
logo
Bivar, Inc.
SMS1105OC BIVAR-SMS1105OC Datasheet
1Mb / 5P
   PLCC2 SMD Side View Package LED SMS1105OC, ORANGE
Revision B 02/15
SMS1105YC BIVAR-SMS1105YC Datasheet
1Mb / 5P
   PLCC2 SMD Side View Package LED SMS1105YC, YELLOW
Revision B 02/15
SMS1105BWC BIVAR-SMS1105BWC Datasheet
1Mb / 5P
   PLCC2 SMD Side View Package LED SMS1105BWC, BLUE
Revision B 02/15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com